Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 214 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 214 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 210Page - Advanced Micro Devices SC3200 Datasheet HTML 211Page - Advanced Micro Devices SC3200 Datasheet HTML 212Page - Advanced Micro Devices SC3200 Datasheet HTML 213Page - Advanced Micro Devices SC3200 Datasheet HTML 214Page - Advanced Micro Devices SC3200 Datasheet HTML 215Page - Advanced Micro Devices SC3200 Datasheet HTML 216Page - Advanced Micro Devices SC3200 Datasheet HTML 217Page - Advanced Micro Devices SC3200 Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 447 page
background image
214
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 54h-59h
Reserved
Reset Value: 00h
Index 5Ah
Decode Control Register 1 (R/W)
Reset Value: 01h
Indicates PCI positive or negative decoding for various I/O ports on the ISA bus.
Note:
Positive decoding by the Core Logic module speeds up I/O cycle time. The I/O ports mentioned in the bit descriptions below, do
not exist in the Core Logic module. It is assumed that if positive decode is enabled for a port, the port exists on the ISA bus.
7
Secondary Floppy Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 372h-375h
and 377h.
0: Subtractive.
1: Positive.
6
Primary Floppy Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3F2h-3F5h and
3F7h.
0: Subtractive.
1: Positive.
5
COM4 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 2E8h-2EFh.
0: Subtractive.
1: Positive.
4
COM3 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3E8h-3EFh.
0: Subtractive.
1: Positive.
3
COM2 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 2F8h-2FFh.
0: Subtractive.
1: Positive.
2
COM1 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3F8h-3FFh.
0: Subtractive.
1: Positive.
1
Keyboard Controller Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O Ports 060h and
064h (as well as 062h and 066h, if enabled - F4 Index 5Bh[7] = 1).
0: Subtractive.
1: Positive.
Note:
If F0BAR1+I/O Offset 10h bits 10 = 0 and 16 = 1, then this bit must be written 0.
0
Real-Time Clock Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O Ports 070h-073h.
0: Subtractive.
1: Positive.
Index 5Bh
Decode Control Register 2 (R/W)
Reset Value: 20h
Note:
Positive decoding by the Core Logic module speeds up the I/O cycle time. The Keyboard, LPT3, LPT2, and LPT1 I/O ports do
not exist in the Core Logic module. It is assumed that if positive decoding is enabled for any of these ports, the port exists on
the ISA bus.
7
Keyboard I/O Port 062h/066h Positive Decode. This alternate port to the keyboard controller is provided in support of
power management features.
0: Disable.
1: Enable.
6
Reserved. Must be set to 0.
5
BIOS ROM Positive Decode. Selects PCI positive or subtractive decoding for accesses to the configured ROM space.
0: Subtractive.
1: Positive.
ROM configuration is at F0 Index 52h[2:0].
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com