Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 224 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 224 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 220Page - Advanced Micro Devices SC3200 Datasheet HTML 221Page - Advanced Micro Devices SC3200 Datasheet HTML 222Page - Advanced Micro Devices SC3200 Datasheet HTML 223Page - Advanced Micro Devices SC3200 Datasheet HTML 224Page - Advanced Micro Devices SC3200 Datasheet HTML 225Page - Advanced Micro Devices SC3200 Datasheet HTML 226Page - Advanced Micro Devices SC3200 Datasheet HTML 227Page - Advanced Micro Devices SC3200 Datasheet HTML 228Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 447 page
background image
224
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 85h
Second Level PME/SMI Status Mirror Register 2 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F5h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F5h clears the status at both the second and top levels.
7
Video Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Video Idle Timer Count Register
(F0 Index A6h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[7] to 1.
6
User Defined Device Idle Timer 3 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 3 Idle Timer Count Register (F0 Index A4h).
0: No
1: Yes
To enable SMI generation, set F0 Index 81h[6] to 1.
5
User Defined Device Idle Timer 2 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 2 Idle Timer Count Register (F0 Index A2h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[5] to 1.
4
User Defined Device Idle Timer 1 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 1 Idle Timer Count Register (F0 Index A0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[4] to 1.
3
Keyboard/Mouse Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Keyboard/Mouse Idle
Timer Count Register (F0 Index 9Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[3] to 1.
2
Parallel/Serial Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Parallel/Serial Port Idle
Timer Count Register (F0 Index 9Ch).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[2] to 1.
1
Floppy Disk Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Floppy Disk Idle Timer
Count Register (F0 Index 9Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[1] to 1.
0
Primary Hard Disk Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Primary Hard Disk
Idle Timer Count Register (F0 Index 98h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[0] to 1.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com