Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 225 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 225 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 221Page - Advanced Micro Devices SC3200 Datasheet HTML 222Page - Advanced Micro Devices SC3200 Datasheet HTML 223Page - Advanced Micro Devices SC3200 Datasheet HTML 224Page - Advanced Micro Devices SC3200 Datasheet HTML 225Page - Advanced Micro Devices SC3200 Datasheet HTML 226Page - Advanced Micro Devices SC3200 Datasheet HTML 227Page - Advanced Micro Devices SC3200 Datasheet HTML 228Page - Advanced Micro Devices SC3200 Datasheet HTML 229Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
225
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 86h
Second Level PME/SMI Status Mirror Register 3 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F6h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F6h clears the status at both the second and top levels.
7
Video Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the Video I/O
Trap.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[7] to 1.
6
Reserved.
5
Secondary Hard Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to
the secondary hard disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[6] to 1.
4
Secondary Hard Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Secondary
Hard Disk Idle Timer Count register (F0 Index ACh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[7] to 1.
3
Keyboard/Mouse Access Trap SMI Status. Indicates whether or not an SMI was caused by an trapped I/O access to the
keyboard or mouse.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[3] to 1.
2
Parallel/Serial Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to either the
serial or parallel ports.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[2] to 1.
1
Floppy Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the floppy
disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[1] to 1.
0
Primary Hard Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the
primary hard disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[0] to 1.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com