Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 242 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 242 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 238Page - Advanced Micro Devices SC3200 Datasheet HTML 239Page - Advanced Micro Devices SC3200 Datasheet HTML 240Page - Advanced Micro Devices SC3200 Datasheet HTML 241Page - Advanced Micro Devices SC3200 Datasheet HTML 242Page - Advanced Micro Devices SC3200 Datasheet HTML 243Page - Advanced Micro Devices SC3200 Datasheet HTML 244Page - Advanced Micro Devices SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 447 page
background image
242
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
5:0
Signal Select. Selects the GPIO signal to be configured in the Bank selected via bit 5 setting (i.e., Bank 0 or Bank 1). See
Table 4-2 on page 88 for GPIO ball muxing options. GPIOs without an associated ball number are not available externally.
Bank 0
000000 = GPIO0 (EBGA: H1 / TEPBGA: D11)
010000 = GPIO16 (EBGA: AL15 / TEPBGA: V31)
000001 = GPIO1 (EBGA: H2, AL12 / TEPBGA: D10, N30)
010001 = GPIO17 (EBGA: J4 / TEPBGA: A10)
000010 = GPIO2
010010 = GPIO18 (EBGA: A28 / TEPBGA: AG1)
000011 = GPIO3
010011 = GPIO19 (EBGA: H4 / TEPBGA: C9)
000100 = GPIO4
010100 = GPIO20 (EBGA: H3, AJ13 / TEPBGA: A9, N31)
000101 = GPIO5
010101 = GPIO21
000110 = GPIO6 (EBGA: AH3 / TEPBGA: D28)
010110 = GPIO22
000111 = GPIO7 (EBGA: AH4 / TEPBGA: C30)
010111 = GPIO23
001000 = GPIO8 (EBGA: AJ2 / TEPBGA: C31)
011000 = GPIO24
001001 = GPIO9 (EBGA: AG4 / TEPBGA: C28)
011001 = GPIO25
001010 = GPIO10 (EBGA: AJ1 / TEPBGA: B29)
011010 = GPIO26
001011 = GPIO11 (EBGA: H30 / TEPBGA: AJ8)
011011 = GPIO27
001100 = GPIO12 (EBGA: AJ12 / TEPBGA: N29)
011100 = GPIO28
001101 = GPIO13 (EBGA: AL11 / TEPBGA: M29)
011101 = GPIO29
001110 = GPIO14 (EBGA: F1 / TEPBGA: D9)
011110 = GPIO30
001111 = GPIO15 (EBGA: G3 / TEPBGA: A8)
011111 = GPIO31
Bank 1
100000 = GPIO32 (EBGA: AJ11 / TEPBGA: M28)
110000 = GPIO48
100001 = GPIO33 (EBGA: AL10 / TEPBGA: L31)
110001 = GPIO49
100010 = GPIO34 (EBGA: AK10 / TEPBGA: L30)
110010 = GPIO50
100011 = GPIO35 (EBGA: AJ10 / TEPBGA: L29)
110011 = GPIO51
100100 = GPIO36 (EBGA: AL9 / TEPBGA: L28)
110100 = GPIO52
100101 = GPIO37 (EBGA: AK9 / TEPBGA: K31)
110101 = GPIO53
100110 = GPIO38 (EBGA: AJ9 / TEPBGA: K28)
110110 = GPIO54
100111 = GPIO39 (EBGA: AL8 / TEPBGA: J31)
110111 = GPIO55
101000 = GPIO40 (EBGA: A21 / TEPBGA: Y3)
111000 = GPIO56
101001 = GPIO41 (EBGA: C19 / TEPBGA: W4)
111001 = GPIO57
101010 = GPIO42
111010 = GPIO58
101011 = GPIO43
111011 = GPIO59
101100 = GPIO44
111100 = GPIO60
101101 = GPIO45
111101 = GPIO61
101110 = GPIO46
111110 = GPIO62
101111 = GPIO47
111111 = GPIO63 (Note)
Note:
GPIO63 can be used to generate the PWRBTN# input signal. See PWRBTN# signal description in Section 3.4.15
"Power Management Interface Signals" on page 80.
Offset 24h-27h
GPIO Signal Configuration Access Register (R/W)
Reset Value: 00000044h
This register is used to indicate configuration for the GPIO signal that is selected in the GPIO Signal Configuration Select Register
(above).
Note:
PME debouncing, polarity, and edge/level configuration is only applicable on GPIO0-GPIO15 signals (Bank 0 = 00000 to
01111) and on GPIO32-GPIO47 signals (Bank 1 settings of 00000 to 01111). The remaining GPIOs (GPIO16-GPIO31 and
GPIO48-GPIO63) can not generate PMEs, therefore these bits have no function and read 0.
31:7
Reserved. Must be set to 0.
6
PME Debounce Enable. Enables/disables IRQ debounce (debounce period = 16 ms).
0: Disable.
1: Enable. (Default).
See the note in the description of this register for more information about the default value of this bit.
5
PME Polarity. Selects the polarity of the signal that issues a PME from the selected GPIO signal (falling/low or rising/high).
0: Falling edge or low level input. (Default)
1: Rising edge or high level input.
See the note in the description of this register for more information about the default value of this bit.
Table 6-30. F0BAR0+I/O Offset: GPIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com