Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 244 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 244 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 240Page - Advanced Micro Devices SC3200 Datasheet HTML 241Page - Advanced Micro Devices SC3200 Datasheet HTML 242Page - Advanced Micro Devices SC3200 Datasheet HTML 243Page - Advanced Micro Devices SC3200 Datasheet HTML 244Page - Advanced Micro Devices SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices SC3200 Datasheet HTML 248Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 447 page
background image
244
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
6.4.1.2
LPC Support Registers
F0 Index 14h, Base Address Register 1 (F0BAR1) points to
the base address of the register space that contains the
configuration registers for LPC support. Table 6-31 gives
the bit formats of the I/O mapped registers accessed
through F0BAR1.
The LPC Interface supports all features described in the
LPC bus specification 1.0, with the following exceptions:
• Only 8- or 16-bit DMA, depending on channel number.
Does not support the optional larger transfer sizes.
• Only one external DRQ pin.
Table 6-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers
Bit
Description
Offset 00h-03h
SERIRQ_SRC — Serial IRQ Source Register (R/W)
Reset Value: 00000000h
Note:
Some signals require additional programming to make them externally accessible. See Table 4-2 "Multiplexing, Interrupt Selec-
tion, and Base Address Registers" on page 88 for pin multiplexing details and Table 3-6 "Strap Options" on page 58 for
LPC_ROM strap information.
31:21
Reserved.
20
INTD Source. Selects the interface source of the INTD# signal.
0: PCI - INTD# (EBGA ball B22; TEPBGA ball AA2).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
19
INTC Source. Selects the interface source of the INTC# signal.
0: PCI - INTC# (EBGA ball H4; TEPBGA ball C9).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
18
INTB Source. Selects the interface source of the INTB# signal.
0: PCI - INTB# (EBGA ball AF1; TEPBGA ball C26).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
17
INTA Source. Selects the interface source of the INTA# signal.
0: PCI - INTA# (EBGA ball AE3; TEPBGA ball D26).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
16
Reserved. Set to 0.
15
IRQ15 Source. Selects the interface source of the IRQ15 signal.
0: ISA - IRQ15 (EBGA ball H30; TEPBGA ball AJ8).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
14
IRQ14 Source. Selects the interface source of the IRQ14 signal.
0: ISA - IRQ14 (EBGA ball D25; TEPBGA ball AF1).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
13
IRQ13 Source. Selects the interface source of the internal IRQ13 signal.
0: ISA - IRQ13 internal signal. (An input from the CPU indicating that a floating point error has been detected and that inter-
nal INTR should be asserted.)
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
12
IRQ12 Source. Selects the interface source of the IRQ12 signal.
0: ISA - IRQ12 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
11
IRQ11 Source. Selects the interface source of the IRQ11 signal.
0: ISA - IRQ11 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
10
IRQ10 Source. Selects the interface source of the IRQ10 signal.
0: ISA - IRQ10 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
9
IRQ9 Source. Selects the interface source of the IRQ9 signal.
0: ISA - IRQ9 (EBGA ball C22; TEPBGA ball AA3).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com