Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 248 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 248 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 244Page - Advanced Micro Devices SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices SC3200 Datasheet HTML 248Page - Advanced Micro Devices SC3200 Datasheet HTML 249Page - Advanced Micro Devices SC3200 Datasheet HTML 250Page - Advanced Micro Devices SC3200 Datasheet HTML 251Page - Advanced Micro Devices SC3200 Datasheet HTML 252Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 447 page
background image
248
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
2
DRQ2 Source. Selects the interface source of the DRQ2 signal.
0: ISA - DRQ2 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
1
DRQ1 Source. Selects the interface source of the DRQ1 signal.
0: ISA - DRQ1 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
0
DRQ0 Source. Selects the interface source of the DRQ0 signal.
0: ISA - DRQ0 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
Offset 10h-13h
LAD_EN — LPC Address Enable Register (R/W)
Reset Value: 00000000h
31:18
Reserved.
17
LPC RTC. RTC addresses I/O Ports 070h-073h. See bit 16 for decode.
16
LPC/ISA Default Mapping. Works in conjunction with bits 17 and [14:0] of this register to enable mapping of specific
peripherals to LPC or internal ISA interfaces.
If bit [x] = 0 and bit 16 = 0 then: Transaction routed to internal ISA bus.
If bit [x] = 0 and bit 16 = 1 then: Transaction routed to LPC interface.
If bit [x] = 1 and bit 16 = 0 then: Transaction routed to LPC interface.
If bit [x] = 1 and bit 16 = 1 then: Transaction routed to internal ISA bus.
Bit [x] is defined as bits 17 and [14:0].
15
LPC ROM Addressing. Depends upon F0 Index 52h[2,0].
0: Disable.
1: Enable.
14
LPC Alternate SuperI/O Addressing. Alternate SuperI/O control addresses 4Eh-4Fh. See bit 16 for decode.
13
LPC SuperI/O Addressing. SuperI/O control addresses I/O Ports 2Eh-2Fh. See bit 16 for decode.
Note:
This bit should not be routed to LPC when using the internal SuperI/O module and if IO_SIOCFG_IN (F5BAR0+I/O
Offset 00h[26:25]) = 10.
12
LPC Ad-Lib Addressing. Ad-Lib addresses I/O Ports 388h-389h. See bit 16 for decode.
11
LPC ACPI Addressing. ACPI microcontroller addresses I/O Ports 62h and 66h. See bit 16 for decode.
10
LPC Keyboard Controller Addressing. KBC addresses I/O Ports 60h and 64h.
Note:
If this bit = 0 and bit 16 = 1, then F0 Index 5Ah[1] must be written 0.
9
LPC Wide Generic Addressing. Wide generic addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 18h[15:9]
Note:
The selected range must not overlap any address range that is positively decoded by F0BAR1+I/O Offset 10h bits
[17], [14:10], and [8:0].
8
LPC Game Port 1 Addressing. Game Port 1 addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[22:19]
7
LPC Game Port 0 Addressing. Game Port 0 addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[18:15].
6
LPC Floppy Disk Controller Addressing. FDC addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[14]
5
LPC Microsoft Sound System (MSS) Addressing. MSS addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[13:12].
4
LPC MIDI Addressing. MIDI addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[11:10].
3
LPC Audio Addressing. Audio addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[9:8].
2
LPC Serial Port 1 Addressing. Serial Port 1 addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[7:5].
Table 6-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com