Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 163 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 163 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 159Page - Advanced Micro Devices SC3200 Datasheet HTML 160Page - Advanced Micro Devices SC3200 Datasheet HTML 161Page - Advanced Micro Devices SC3200 Datasheet HTML 162Page - Advanced Micro Devices SC3200 Datasheet HTML 163Page - Advanced Micro Devices SC3200 Datasheet HTML 164Page - Advanced Micro Devices SC3200 Datasheet HTML 165Page - Advanced Micro Devices SC3200 Datasheet HTML 166Page - Advanced Micro Devices SC3200 Datasheet HTML 167Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
163
Core Logic Module
Revision 5.1
6.2.4
Universal Serial Bus
The Core Logic module provides three complete, indepen-
dent USB ports. Each port has a Data "Negative" and a
Data "Positive" signal.
The USB ports are Open Host Controller Interface (Open-
HCI) compliant. The OpenHCI specification provides a reg-
ister-level description for a host controller, as well as
common industry hardware/software interface and drivers.
6.2.5
Sub-ISA Bus Interface
The Sub-ISA interface of the Core Logic module is an ISA-
like bus interface that is used by SC3200 to interface with
Boot Flash, M-Systems DiskOnChip or NAND EEPROM
and other I/O devices. The Core Logic module is the
default subtractive decoding agent and forwards all
unclaimed memory and I/O cycles to the ISA bus. However,
the Core Logic module can be configured to ignore either I/
O, memory, or all unclaimed cycles (subtractive decode
disabled).
Note:
The external Sub-ISA bus is a positive decode bus.
Unclaimed memory and I/O cycles will not appear
on the Sub-ISA interface.
The Core Logic module does not support Sub-ISA refresh
cycles. The refresh toggle bit in Port B still exists for soft-
ware compatibility reasons.
The Sub-ISA interface includes the followings signals in
addition to the signals used for an ISA interface:
• IOCS0#/IOCS1#
— Asserted on I/O read/write transactions from/to a
programmable address range.
• DOCCS#
— Asserted on memory read/write transactions from/to
a programmable window.
• ROMCS#
— Asserted on memory read/write to upper 16 MB of
address space. Configurable via the ROM Mask
register (F0 Index 6Ch).
• DOCR#
— DOCR# is asserted on memory read transactions
from DOCCS# window (i.e., when both DOCCS# and
MEMR# are active, DOCR# is active; otherwise, it is
inactive).
• DOCW
— DOCW# is asserted on memory write transactions to
DOCCS# window (i.e., when both DOCCS# and
MEMW# are active, DOCW# is active; otherwise, it is
inactive).
• RD#, WR#
— The signals IOR#, IOW#, MEMR#, and MEMW# are
combined into two signals: RD# is asserted on I/O
read or memory read; WR# is asserted on I/O write
or memory write.
Memory devices that use ROMCS# or DOCCS# as their
chip select signal can be configured to support an 8-bit or
16-bit data bus via bits 3 and 6 of the MCR register. Such
devices can also be configured as zero wait states devices
(regardless of the data bus width) via bits 9 and 10 of the
MCR register. For MCR register bit descriptions, see Table
4-2 on page 88.
I/O peripherals that use IOCS0# or IOCS1# as their chip
select signal can be configured to support an 8-bit or 16-bit
data bus via bits 7 and 8 of the MCR register. Such devices
can also be configured as zero wait state devices (for 8-bit
peripherals) via bits 11 and 12 of the MCR register. For
MCR register bit descriptions, see Table 4-2 on page 88.
Other memory devices and I/O peripherals must be 8-bit
devices; their transactions can not be with zero wait states
The Boot Flash supported by the SC3200 can be up to 16
MB. It is supported with the ROMCS# signal.
All unclaimed memory and I/O cycles are forwarded to the
Internal ISA bus if subtractive decode is enabled.
The DiskOnChip chip select signal (DOCCS#) is asserted
on any memory read or memory write transaction from/to a
programmable address range. The address range is pro-
grammable via the DOCCS# Base Address and Control
registers (F0 Index 78h and 7Ch). The base address must
be on an address boundary, the size of the range.
Signal DOCCS# can also be used to interface to NAND
Flash devices together with signals DOCW# and DOCR#.
See application note AMD Geode™ SC1200/SC2200/
SC3200 Processors: External NAND Flash Memory Circuit
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com