Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 168 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 168 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 164Page - Advanced Micro Devices SC3200 Datasheet HTML 165Page - Advanced Micro Devices SC3200 Datasheet HTML 166Page - Advanced Micro Devices SC3200 Datasheet HTML 167Page - Advanced Micro Devices SC3200 Datasheet HTML 168Page - Advanced Micro Devices SC3200 Datasheet HTML 169Page - Advanced Micro Devices SC3200 Datasheet HTML 170Page - Advanced Micro Devices SC3200 Datasheet HTML 171Page - Advanced Micro Devices SC3200 Datasheet HTML 172Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 447 page
background image
168
AMD Geode™ SC3200 Processor Data Book
Core Logic Module
Revision 5.1
Figure 6-6. PCI Change to Sub-ISA and Back
6.2.6
AT Compatibility Logic
The Core Logic module integrates:
• Two 8237-equivalent DMA controllers with full 32-bit
addressing
• Two 8259A-equivalent interrupt controllers providing 13
individually programmable external interrupts
• An 8254-equivalent timer for refresh, timer, and speaker
logic
• NMI control and generation for PCI system errors and all
parity errors
• Support for standard AT keyboard controllers
• Positive decode for the AT I/O register space
• Reset control
6.2.6.1
DMA Controller
The Core Logic module supports industry standard DMA
architecture using two 8237-compatible DMA controllers in
cascaded configuration. The DMA functions supported by
the Core Logic module include:
• Standard seven-channel DMA support (Channels 5
through 7 are not supported)
• 32-bit address range support via high page registers
• IOCHRDY extended cycles for compatible timing trans-
fers
• Internal Sub-ISA bus master device support using
cascade mode
• NMI control and generation for PCI system errors and all
parity errors.
Note:
DMA interface signals are not available externally.
DMA Channels
The Core Logic module supports seven DMA channels
using two standard 8237-equivalent controllers. DMA Con-
troller 1 contains Channels 0 through 3 and supports 8-bit
I/O adapters. These channels are used to transfer data
between 8-bit peripherals and PCI memory or 8/16-bit ISA
memory. Using the high and low page address registers, a
full 32-bit PCI address is output for each channel so they
can all transfer data throughout the entire 4 GB system
address space. Each channel can transfer data in 64 KB
pages. Software initiated DMA requests are not supported.
DMA Controller 2 contains Channels 4 through 7. Channel
4 is used to cascade DMA Controller 1, so it is not available
externally. Channels 5 through 7 support 16-bit I/O adapt-
ers to transfer data between 16-bit I/O adapters and 16-bit
system memory. Using the high and low page address reg-
isters, a full 32-bit PCI address is output for each channel
so they can all transfer data throughout the entire 4 GB
system address space. Each channel can transfer data in
128 KB pages. Channels 5, 6, and 7 transfer 16-bit
WORDs on even byte boundaries only. Channels 5
through 7 are not supported.
FRAME#
TRDY#, IRDY#
GNT[x]
ROMCS#, DOCCS#,
PCI
Sub-ISA
TCS
TCP
DEVSEL#,STOP#
PAR,
PCI
AD[31:0],
C/BE[3:0]#
pull-up
IOCS0#, IOCS1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com