Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 101 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 101 Page - ams AG

Back Button AS3911 Datasheet HTML 97Page - ams AG AS3911 Datasheet HTML 98Page - ams AG AS3911 Datasheet HTML 99Page - ams AG AS3911 Datasheet HTML 100Page - ams AG AS3911 Datasheet HTML 101Page - ams AG AS3911 Datasheet HTML 102Page - ams AG AS3911 Datasheet HTML 103Page - ams AG AS3911 Datasheet HTML 104Page - ams AG AS3911 Datasheet HTML 105Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 159 page
background image
ams Datasheet
Page 101
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Antenna Calibration Target Register
Figure 85:
Antenna Calibration Target Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Antenna Calibration Display Register
Figure 86:
Antenna Calibration Display Register
Note(s):
1. At power-up and after Set Default command, content of this register is set to 0.
Address 22h: Antenna Calibration Target Register
Type: RW
Bit
Name
Default
Function
Comments
7act7
1
Define target phase for
Calibrate Antenna direct
command
6act6
0
5act5
0
4act4
0
3act3
0
2act2
0
1act1
0
0act0
0
Address 23h: Antenna Calibration Display Register
Type: R
Bit
Name
Default
Function
Comments
7tri_3
MSB
This register stores result of Calibrate
Antenna command. LC trim switches are
defined by data written in this register in
case trim_s = 0. A bit set to 1 indicates that
corresponding transistor on TRIM1_x and
TRIM2_x pin is switched on.
6tri_2
5tri_1
4tri_0
LSB
3
tri_err
1: Antenna calibration error
Set when Calibrate antenna sequence was
not able to adjust resonance
2
Not used
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com