Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 102 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 102 Page - ams AG

Back Button AS3911 Datasheet HTML 98Page - ams AG AS3911 Datasheet HTML 99Page - ams AG AS3911 Datasheet HTML 100Page - ams AG AS3911 Datasheet HTML 101Page - ams AG AS3911 Datasheet HTML 102Page - ams AG AS3911 Datasheet HTML 103Page - ams AG AS3911 Datasheet HTML 104Page - ams AG AS3911 Datasheet HTML 105Page - ams AG AS3911 Datasheet HTML 106Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 159 page
background image
Page 102
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
AM Modulation Depth Control Register
Figure 87:
AM Modulation Depth Control Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address 24h: AM Modulation Depth Control Register
Type: RW
Bit
Name
Default
Function
Comments
7am_s
0
0: AM modulated level is defined
by bits mod5 to mod0. Level is
adjusted automatically by
Calibrate Modulation Depth
command
1: AM modulated level is defined
by bits dram7 to dram0.
6mod5
0
MSB
See Application Notes for
details about AM modulation
level definition.
5mod4
0
4mod3
0
3mod2
0
2mod1
0
1mod0
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com