Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 116 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 116 Page - ams AG

Back Button AS3911 Datasheet HTML 112Page - ams AG AS3911 Datasheet HTML 113Page - ams AG AS3911 Datasheet HTML 114Page - ams AG AS3911 Datasheet HTML 115Page - ams AG AS3911 Datasheet HTML 116Page - ams AG AS3911 Datasheet HTML 117Page - ams AG AS3911 Datasheet HTML 118Page - ams AG AS3911 Datasheet HTML 119Page - ams AG AS3911 Datasheet HTML 120Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 159 page
background image
Page 116
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Wake-Up Timer Control Register
Figure 103:
Wake-Up Timer Control Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Figure 104:
Typical Wake-Up Time
Address 31h: Wake-Up Timer Control Register
Type: RW
Bit
Name
Default
Function
Comments
7wur
0
0: 100 ms
1: 10 ms
Wake-up timer range
6wut2
0
Refer to Typical Wake-Up Time
Wake-up timer timeout value
5wut1
0
4wut0
0
3wto
0
1: IRQ at every timeout
2wam
0
1: At timeout perform
Amplitude measurement
IRQ if difference larger than
Δam
1wph
0
1: At timeout perform Phase
measurement
IRQ if difference larger than
Δpm
0wcap
0
1: At timeout perform
Capacitance measurement
IRQ if difference larger than
Δcm
Typical Wake-Up Time
wut2
wut1
wut0
100 ms Range
(wur=0)
10 ms Range
(wur=1)
0
0
0
100 ms
10 ms
0
0
1
200 ms
20 ms
0
1
0
300 ms
30 ms
0
1
1
400 ms
40 ms
1
0
0
500 ms
50 ms
1
0
1
600 ms
60 ms
1
1
0
700 ms
70 ms
1
1
1
800 ms
80 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com