Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 125 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 125 Page - ams AG

Back Button AS3911 Datasheet HTML 121Page - ams AG AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG AS3911 Datasheet HTML 125Page - ams AG AS3911 Datasheet HTML 126Page - ams AG AS3911 Datasheet HTML 127Page - ams AG AS3911 Datasheet HTML 128Page - ams AG AS3911 Datasheet HTML 129Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
ams Datasheet
Page 125
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Capacitance Measurement Display Register
Figure 116:
Capacitance Measurement Display Register
Note(s):
1. At power-up and after Set Default command, content of this register is set to 0.
IC Identity Register
Figure 117:
IC Identity Register
IC Identity Register: This table depicts the details of the IC identity register for AS3911.
Address 3Dh: Capacitance Measurement Display Register
Type: R
Bit
Name
Default
Function
Comments
7cm_amd7
6cm_amd6
5cm_amd5
4cm_amd4
3cm_amd3
2cm_amd2
1cm_amd1
0cm_amd0
Address 3Fh: IC Identity Register
Type: R
Bit
Name
Default
Function
Comments
7ic_type4
Code for AS3911: 00001
5 bit IC type code
6ic_type3
5ic_type2
4ic_type1
3ic_type0
2ic_rev2
001
3 bit IC revision code, 001 is
code for silicon r2.0, versions
previous to r2.0 do not have
this register implemented.
1ic_rev1
0ic_rev0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com