Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 126 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 126 Page - ams AG

Back Button AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG AS3911 Datasheet HTML 125Page - ams AG AS3911 Datasheet HTML 126Page - ams AG AS3911 Datasheet HTML 127Page - ams AG AS3911 Datasheet HTML 128Page - ams AG AS3911 Datasheet HTML 129Page - ams AG AS3911 Datasheet HTML 130Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 159 page
background image
Page 126
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Power-Up Sequence
At power-up, the AS3911 enters the Power-down mode. The
content of all registers is set to the default state.
1.
Firstly, the microcontroller after a power-up must
correctly configure the two IO configuration registers.
The content of these two registers defines operation
options related to hardware (power supply mode, Xtal
type, use of MCU_CLK clock, antenna operation mode).
2.
Configure the regulators. It is recommended to use
direct command Adjust Regulators to improve the
system PSRR.
3.
If implementing the LC tank tuning, then send the direct
command Calibrate Antenna.
4.
If using the AM modulation (ISO14443B for example),
then set the modulation depth in the AM Modulation
Depth Control Registerand send the command Calibrate
Modulation Depth.
5.
The AS3911 is now ready to operate.
Reader Operation
To begin with, the operation mode and data rate have to be
configured by writing the Mode Definition Register and Bit Rate
Definition Register. Additionally, the receiver and transmitter
operation options related to operation mode have to be
defined. This is done automatically by sending the direct
command Analog Preset. If more options are required apart
from those defined by Analog Preset, then such options must
be additionally set by writing the appropriate registers.
Next, the Ready mode has to be entered by setting the bit en
of the Operation Control Register. In this mode the oscillator is
started and the regulators are enabled. When the oscillator
operation is stable, an interrupt is sent.
Before sending any command to a transponder, the transmitter
and receiver have to be enabled by setting the bits rx_en and
tx_en. RFID protocols usually require that the reader field is
turned on for a while before sending the first command (5 ms
for ISO14443). General purpose timer can be used to count this
time.
In case REQA or WUPA has to be sent this is simply done by
sending appropriate direct command otherwise the following
sequence has to be followed:
1.
Send the direct command Clear
2.
Define the number of transmitted bytes in the Number
of Transmitted Bytes Register 1 and Number of
Transmitted Bytes Register 2
3.
Write the bytes to be transmitted in the FIFO
4.
Send the direct command Transmit With CRC or
Transmit Without CRC (whichever is appropriate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com