Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 156 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 156 Page - ams AG

Back Button AS3911 Datasheet HTML 151Page - ams AG AS3911 Datasheet HTML 152Page - ams AG AS3911 Datasheet HTML 153Page - ams AG AS3911 Datasheet HTML 154Page - ams AG AS3911 Datasheet HTML 155Page - ams AG AS3911 Datasheet HTML 156Page - ams AG AS3911 Datasheet HTML 157Page - ams AG AS3911 Datasheet HTML 158Page - ams AG AS3911 Datasheet HTML 159Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 156 / 159 page
background image
Page 156
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Content Guide
1
General Description
2
Key Benefits & Features
3
Applications
3Block Diagram
4Pin Assignment
6Absolute Maximum Ratings
8
Electrical Characteristics
8
Operating Conditions
8
DC/AC Characteristics for Digital Inputs and Outputs
8CMOS Inputs:
9CMOS Outputs:
9
Electrical Specification
12
Typical Operating Characteristics
12
Thermal Resistance and Max. Power Dissipation
13
Detailed Description
14
Transmitter
14
Receiver
14
Phase and Amplitude Detector
14
A/D Converter
15
Capacitive Sensor
15
External Field Detector
15
Quartz Crystal Oscillator
15
Power Supply Regulators
16
POR and Bias
16
RC Oscillator and Wake-up Timer
16
ISO14443 and NFCIP-1 Framing
16
FIFO
16
Control Logic
17
SPI Interface
17
Application Information
17
Operating Modes
17
Transmitter
18
Slow Transmitter Ramping
19
Receiver
19
Demodulation Stage
21
Filtering and Gain Stages
23
Digitizing Stage
23
AGC, Squelch and RSSI
25
Receiver in NFCIP-1 Active Communication Mode
25
Capacitive Sensor
27
Capacitor Sensor Calibration
27
Wake-Up Mode
29
Auto-Averaging
29
Quartz Crystal Oscillator
30
Timers
30
Mask Receive Timer and No-Response Timer
32
General Purpose Timer
32
Wake-Up Timer
32
A/D Converter
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com