Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 158 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 158 Page - ams AG

Back Button AS3911 Datasheet HTML 151Page - ams AG AS3911 Datasheet HTML 152Page - ams AG AS3911 Datasheet HTML 153Page - ams AG AS3911 Datasheet HTML 154Page - ams AG AS3911 Datasheet HTML 155Page - ams AG AS3911 Datasheet HTML 156Page - ams AG AS3911 Datasheet HTML 157Page - ams AG AS3911 Datasheet HTML 158Page - ams AG AS3911 Datasheet HTML 159Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 158 / 159 page
background image
Page 158
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Content Guide
76
ISO14443B and FeliCa Settings Register
77
Stream Mode Definition Register
79
Auxiliary Definition Register
80
Receiver Configuration Register 1
81
Receiver Configuration Register 2
82
Receiver Configuration Register 3
83
Receiver Configuration Register 4
84
Mask Receive Timer Register
85
No-Response Timer Register 1
85
No-Response Timer Register 2
86
General Purpose and No-Response Timer Control
Register
87
General Purpose Timer Register 1
88
General Purpose Timer Register 2
88
Mask Main Interrupt Register
89
Mask Timer and NFC Interrupt Register
90
Mask Error and Wake-Up Interrupt Register
91
Main Interrupt Register
92
Timer and NFC Interrupt Register
93
Error and Wake-Up Interrupt Register
94
FIFO Status Register 1
95
FIFO Status Register 2
96
Collision Display Register
97
Number of Transmitted Bytes Register 1
98
Number of Transmitted Bytes Register 2
98
NFCIP Bit Rate Detection Display Register
99
A/D Converter Output Register
100 Antenna Calibration Control Register
101 Antenna Calibration Target Register
101 Antenna Calibration Display Register
102 AM Modulation Depth Control Register
103 AM Modulation Depth Display Register
103 RFO AM Modulated Level Definition Register
104 RFO Normal Level Definition Register
104 External Field Detector Threshold Register
107 Regulator Voltage Control Register
108 Regulator and Timer Display Register
110 RSSI Display Register
112 Gain Reduction State Register
113 Capacitive Sensor Control Register
114 Capacitive Sensor Display Register
115 Auxiliary Display Register
116 Wake-Up Timer Control Register
117 Amplitude Measurement Configuration Register
118 Amplitude Measurement Reference Register
118 Amplitude Measurement Auto-Averaging Display
Register
119 Amplitude Measurement Display Register
120 Phase Measurement Configuration Register
121 Phase Measurement Reference Register
121 Phase Measurement Auto-Averaging Display Register
122 Phase Measurement Display Register
123 Capacitance Measurement Configuration Register
124 Capacitance Measurement Reference Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com