Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 24Page - Advanced Micro Devices AM79C850 Datasheet HTML 25Page - Advanced Micro Devices AM79C850 Datasheet HTML 26Page - Advanced Micro Devices AM79C850 Datasheet HTML 27Page - Advanced Micro Devices AM79C850 Datasheet HTML 28Page - Advanced Micro Devices AM79C850 Datasheet HTML 29Page - Advanced Micro Devices AM79C850 Datasheet HTML 30Page - Advanced Micro Devices AM79C850 Datasheet HTML 31Page - Advanced Micro Devices AM79C850 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
AMD
P R E L I M I N A R Y
28
SUPERNET 3
Address Space
The FORMAC Plus uses seven pins (0–6) and the PLC
uses five pins (0–4). The new address space uses eight
pins (0–7) with the following decoding:
Address 7:0
Comment
00–7F
MAC addresses. Up to 128 addresses can
be accessed. Currently 127 addresses are
used. Full backward compatibility
80–AF
PHY addresses. Currently the PLC has
28 registers defined. This would allow up
to 48 addresses to be accessed
B0–CF
Address Filter (AF) addresses. Note that
the AF currently has ten addresses all of
which are read /written by the user
D0–DF
PDX address space. There are 16 possible
addresses.
E0–FF
Reserved for future use
Interrupts
There are four interrupts: two for the MAC, one for the
MAC/BIST, and one for the PHY. The two interrupts for
the MAC ensure that the interrupt service routine (ISR)
does not have to perform two reads to determine which
of the status registers generated the interrupt. The third
interrupt is generated when the BIST operations are
complete or when the second receive queue has
changes in its status. The fourth interrupt indicates the
status of the PHY.
Interrupt Mechanisms
SCALAR: There are four interrupts, two from MAC, one
from MAC and BIST, and one
from PHY. These
interrupts can be tied together externally or serviced
separately. This method is the default and is backwards
compatible with the SUPERNET 2 interrupt generation
and servicing mechanisms.
VECTORED:
Only
one
interrupt
is
monitored
(MINTR4), and upon an interrupt being generated, a
16-bit maskable Interrupt Vector Register (IVR) is read.
Each bit in the vector register indicates the source of the
interrupt. The vector register bits are:
Bits
Interrupt Source
bit 0
MAC Status register 1 Upper (ST1U)
bit 1
MAC Status register 1 Lower (ST1L)
bit 2
MAC Status register 2 Upper (ST2U)
bit 3
MAC Status register 2 Lower (ST2L)
bit 4
MAC Status register 3 Upper (ST3U)
bit 5
MAC Status register 3 Lower (ST3L)
bit 6
PHY Interrupt Event register
(INTR_EVENT)
bit 7–15
Reserved. Shall be read as zero.
This method of interrupt generation and processing can
be enabled by setting the MENSGLINT (bit 10) in the
mode register 3 (MDREG3). If enabled, this mechanism
requires the user to read the Interrupt Vector Register
(IVR), locate the bit which is set, and read the
corresponding interrupt event or status register. Each
bit in the IVR is maskable. The interrupts can be
unmasked by setting the corresponding bit in the
Interrupt Mask Register (IMR). By default, all bits in the
IMR are reset (to zero) and all interrupts are masked.
The mask register bits are:
Bits
Interrupt Source
bit 0
Mask MAC Status register 1 Upper (ST1U)
interrupt.
bit 1
Mask MAC Status register 1 Lower (ST1L)
interrupt.
bit 2
Mask MAC Status register 2 Upper (ST2U)
interrupt.
bit 3
Mask MAC Status register 2 Lower (ST2L)
interrupt.
bit 4
Mask MAC Status register 3 Upper (ST3U)
interrupt
bit 5
Mask MAC Status register 3 Lower (ST3L)
interrupt.
bit 6
PHY Interrupt Event register
(INTR_EVENT) interrupt.
bit 7–15
Reserved. Shall be read as zero.
Once MINTR4 is activated, the corresponding status or
event register must be read to enable any further
interrupt on MINTR4.
Receive Flush/Transmit Inhibit pin
FLXI (input)
The HOFLXI pin is now the FLXI pin and the HOLD
function is no longer supported. The functional timing for
this pin is as specified in the SUPERNET 2 data book.
If the FLUSH function is selected and the pin is asserted
by external logic, then the incoming frame is flushed.
The buffer memory pointers are not advanced from
where they were before the frame was received (i.e.
WPR = SWPR). The receive flush pin is asserted by the
host to flush the current frame being received based on
an external criterion regardless of the address match.
This prevents unwanted frames and fragments from
occupying receive buffer space and taking up the buffer
memory bus bandwidth. If receive threshold is non-zero,
then the frame will be flushed only if the pin is asserted
before the threshold is crossed. Refer to timing diagram
for details.
If the TRANSMIT INHIBIT function is selected and
the pin is asserted by external logic, then the
SUPERNET 3 completes transmitting the current frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com