Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 89Page - Advanced Micro Devices AM79C850 Datasheet HTML 90Page - Advanced Micro Devices AM79C850 Datasheet HTML 91Page - Advanced Micro Devices AM79C850 Datasheet HTML 92Page - Advanced Micro Devices AM79C850 Datasheet HTML 93Page - Advanced Micro Devices AM79C850 Datasheet HTML 94Page - Advanced Micro Devices AM79C850 Datasheet HTML 95Page - Advanced Micro Devices AM79C850 Datasheet HTML 96Page - Advanced Micro Devices AM79C850 Datasheet HTML 97Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
P R E L I M I N A R Y
AMD
95
SUPERNET 3
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
PMD Interface Signal Timing
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
250
tR¦
TX+, TX– Rise Time
PECL Load
0.3
3
ns
251
tF¦
TX+, TX– Fall Time
PECL Load
0.3
3
ns
252
tSK¦
TX+ to TX– Skew
PECL Load
±200
ps
253
tS
SDI Setup Time to LSCLK High
7
ns
254
tH
SDI Hold Time from LSCLK High
5
ns
Note: ¦: Not included in the production test.
TX+, TX–
TX–
19574A-44
SDI
254
LSCLK
TX+
251
80%
20%
VOL
VOL
252
1
253
VOH
250
Figure 43. PMD Interface Signal Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com