Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 71Page - Advanced Micro Devices AM79C850 Datasheet HTML 72Page - Advanced Micro Devices AM79C850 Datasheet HTML 73Page - Advanced Micro Devices AM79C850 Datasheet HTML 74Page - Advanced Micro Devices AM79C850 Datasheet HTML 75Page - Advanced Micro Devices AM79C850 Datasheet HTML 76Page - Advanced Micro Devices AM79C850 Datasheet HTML 77Page - Advanced Micro Devices AM79C850 Datasheet HTML 78Page - Advanced Micro Devices AM79C850 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
P R E L I M I N A R Y
AMD
75
SUPERNET 3
SUPERNET 3 COMMAND REGISTERS
SUPERNET 3 Command Registers 1
Instruction Name
Code
Mnemonic
Software Reset
01h
Load MDR from buffer memory with MARR increment
02h
IRMEMWI
Load MDR from buffer memory without MARR increment
03h
IRMEMWO
Idle/Listen
04h
Claim/Listen
05h
Beacon/Listen
06h
Load TVX timer from TVX register
07h
Nonrestricted Token Mode
08h
Enter Nonrestricted Token Mode
09h
Enter Restricted Token Mode
0Ah
Restricted Token Mode
0Bh
Send Unrestricted Token
0Ch
Send Restricted Token
0Dh
Enter Send-Immediate Mode
0Eh
Exit Send- Immediate Mode
0Fh
Clear Synchronous Queue Lock
11h
Clear Asynchronous Queue 0 Lock
12h
Clear Asynchronous Queue 1 Lock
14h
Reserved
18h
Clear Receive Queue 1 Lock
20h
Clear Receive Queue 2 Lock
21h
Tristate X Bus (in SAS only)
22h
Drive X Bus
23h
Clear All Queue Locks
3Fh
SUPERNET 3 Command Registers 2
Instruction Name
Code
Mnemonic
Reserved
01h
Reserved
02h
Reserved
04h
Reserved
08h
Abort Current Transmit Activity
10h
Reset Transmit Queues
20h
Set Tag Bit
30h
Reserved
40h
Transmit Command
50h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com