Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 42Page - Advanced Micro Devices AM79C850 Datasheet HTML 43Page - Advanced Micro Devices AM79C850 Datasheet HTML 44Page - Advanced Micro Devices AM79C850 Datasheet HTML 45Page - Advanced Micro Devices AM79C850 Datasheet HTML 46Page - Advanced Micro Devices AM79C850 Datasheet HTML 47Page - Advanced Micro Devices AM79C850 Datasheet HTML 48Page - Advanced Micro Devices AM79C850 Datasheet HTML 49Page - Advanced Micro Devices AM79C850 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
AMD
P R E L I M I N A R Y
46
SUPERNET 3
AF_BIST_DONE
PLC_BIT_DONE
LSB
MSB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19574A-17
RESERVED
RESERVED
SICAMDAMAT
SICAMDAXACT
SICAMSAMAT
SICAMSAXACT
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Figure 16. Status Register 3 – Lower 16 Bits (ST3L) (NPADDR = 62h)
The following bits are in ST3U (the upper half of ST3).
Status Receive Complete (Receive Queue 2)
SRCOMP2 (bit 15)
This bit is set at the completion of a frame reception
following the writing of the frame status and length.
Receive frames that are aborted set this bit, but flushed
frames do not. This is valid in tag and modified
tag mode.
Status Receive Buffer Empty (Receive Queue 2)
SRBMT2 (bit 14)
This bit is set when the receive buffer is empty (i.e.
RPR2 = WPR2 after an increment of RPR), and is reset
when frames are in the receive buffer. This bit is not
auto-cleared when read. An interrupt is generated due
to setting of this bit when read from the receive queue is
attempted while the receive buffer is empty.
Status Receive Abort (Receive Queue 2)
SRABT2 (bit 13)
The SRABT2 bit is set when the frame being received is
aborted. Frames that normally would be flushed but are
aborted due to threshold criterion in tag mode would set
this bit.
Status Receive Buffer Full (Receive Queue 2)
SRBFL2 (bit 12)
This bit is set when the receive buffer is full (RPR2 =
WPR2 after an increment of WPR2). The buffer-mem-
ory receive queue is then locked for further input.
SRBFL2 can be cleared using the clear receive queue
lock (20h) or clear all queue locks (3fh) commands, or by
using the auto-unlock feature.
Status Receive FIFO Overflow (Receive Queue 2 )
SRCVOVR2 (bit 11)
This bit when set, indicates that the SUPERNET 3
receive 2 FIFO has overflowed and receive data has
been lost. This condition may occur during the receive
buffer full state. SUPERNET 3 will not set the frame-
status C indicator (frame copied) on repeated frames
when this bit is set.
Reserved (bit 10–bit 4)
These bits are reserved for future use. Some of these
reserved bits may read zero or one and the user should
ignore these bits. The corresponding mask register bits
should be programmed to mask out the interrupts from
these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com