Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 37Page - Advanced Micro Devices AM79C850 Datasheet HTML 38Page - Advanced Micro Devices AM79C850 Datasheet HTML 39Page - Advanced Micro Devices AM79C850 Datasheet HTML 40Page - Advanced Micro Devices AM79C850 Datasheet HTML 41Page - Advanced Micro Devices AM79C850 Datasheet HTML 42Page - Advanced Micro Devices AM79C850 Datasheet HTML 43Page - Advanced Micro Devices AM79C850 Datasheet HTML 44Page - Advanced Micro Devices AM79C850 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
P R E L I M I N A R Y
AMD
41
SUPERNET 3
BSR Cell No.
Pin No.
Pin Type
Description
207
30
output
npmemack
208
32
output
ready (oecell –1 to force 0, 0 to disable)
209
33
input
r/
w
210
34
input
ds
211
35
input
csi
212
36
input
lsclk
213
37
input
npa[7]
214
38
input
npa[6]
215
39
input
npa[5]
216
40
input
npa[4]
217
41
input
npa[3]
218
42
input
npa[2]
219
43
input
npa[1]
220
44
input
npa[0]
221
45
input
npmode
222
46
input
rst
Built-In Self Test (BIST)
The BIST feature of the SUPERNET 3 is provided to
ease board and system level testing, as well as our own
manufacturing testing. This feature can be accessed
through the TAP as well as the system interface. It is
expected that board level testing will use the TAP
interface, while system level testing will not have access
to the TAP interface and will need to run BIST through
the system interface.
There are two functional units in the SUPERNET 3 that
are tested with BIST. These are the AF CAM core and
the enhanced PHY. The BIST testing of the two
functional units is available through the node processor
interface. See the AF specification for a description of
how to run the BIST for the AF. The enhanced PHY BIST
is run using the PHY BIST access as described in the
SUPERNET 2 PLC data sheet.
Function
BIST Signature (hex)
Internal PLC BIST
5B6B
Address Filter BIST
0553
SCANBIST
1 5B6B 0553
DISCRY function no longer supported
Setting the DISCRY bit in mode register 1 (MDREG1,
bit 6) permitted testing the operation of certain internal
timers such as TRT, THT, TVX, and TMSYNC by
breaking them into smaller segments.
With the enhanced testability features of SUPERNET 3,
the DISCRY function is no longer provided. The bit 6 of
mode register 1 (MDREG1) is reserved and shall return
a value of zero when read.
Summary of Changes to Status and Mode
Registers
The following is the summary of changes. The bits in the
register which are shaded indicate change from
SUPERNET 2. All reserved bits shall be read as zero
except where noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com