Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 87Page - Advanced Micro Devices AM79C850 Datasheet HTML 88Page - Advanced Micro Devices AM79C850 Datasheet HTML 89Page - Advanced Micro Devices AM79C850 Datasheet HTML 90Page - Advanced Micro Devices AM79C850 Datasheet HTML 91Page - Advanced Micro Devices AM79C850 Datasheet HTML 92Page - Advanced Micro Devices AM79C850 Datasheet HTML 93Page - Advanced Micro Devices AM79C850 Datasheet HTML 94Page - Advanced Micro Devices AM79C850 Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
P R E L I M I N A R Y
AMD
91
SUPERNET 3
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
MAC Miscellaneous Signal Timing
Parameter
No.
Symbol
Parameter Description
Min
Max
Unit
140
tS
FLXI/XMTINH Setup Time to BCLK High
30
ns
141
tH
FLXI/XMTINH Hold Time from BCLK High
5
ns
142
tPD
BCLK High to RS5–0, XS3–0 Valid
35
ns
143
tPD
RS5–0, XS3–0 Invalid from BCLK High
5
ns
144
tS
XSAMAT, XDAMAT, XSA_XACT, XDA_XACT Setup Time
to BCLK High
20
ns
145
tH
XSAMAT, XDAMAT, XSA_XACT, XDA_XACT Hold Time
from BCLK High
5
ns
SWITCHING WAVEFORMS
BCLK
FLXI
RS5–0
XS3–0
XSAMAT
XDAMAT
XSA_XACT
XDA_XACT
19574A-40
141
140
142
143
145
144
Figure 39. MAC Miscellaneous Signal Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com