Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 63Page - Advanced Micro Devices AM79C850 Datasheet HTML 64Page - Advanced Micro Devices AM79C850 Datasheet HTML 65Page - Advanced Micro Devices AM79C850 Datasheet HTML 66Page - Advanced Micro Devices AM79C850 Datasheet HTML 67Page - Advanced Micro Devices AM79C850 Datasheet HTML 68Page - Advanced Micro Devices AM79C850 Datasheet HTML 69Page - Advanced Micro Devices AM79C850 Datasheet HTML 70Page - Advanced Micro Devices AM79C850 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
P R E L I M I N A R Y
AMD
67
SUPERNET 3
Default Timer and Register Values
The following are the default timer/register values on
power-up reset.
Timer/Register
NPADDR
Default Value
Actual Time Value
MIR (1–0) register
12h & 13h
00 00 00 00h
-NA-
TMAX register
14h
03C7h
165.29664 ms
TVX register and timer
15h
85h
3.4068 ms
TRT timer (bit 20–5)
16h
03C7h
*1
165.29664 ms
THT timer
17h
FFFFh
*2
-NA-
TNEG register (bit 20–5)
18h
03C7h
165.29664 ms
TMRS register
19h
801Fh
-NA-
TREQ0 register
1ah
78E0h
165.29664 ms
TREQ1 register
1bh
0000h
*3
TPRI(1–0) register
1c & 1d
FFFFh
-NA-
TSYNC register
1fh
0000h
-NA-
TMSYNC timer
40h
FA97h
*1
3.5456 ms
(2xDMAX when ring
not operational)
CMDREG1
00h
0000h
-NA-
CMDREG2
01h
0000h
-NA-
ST1U
00h
0000h
-NA-
ST1L
01h
0007h
-NA-
ST2U
02h
4000h
-NA-
ST2L
03h
0000h
-NA-
ST3U
61h
4000h
-NA-
ST3L
62h
0000h
-NA-
IMSK1U
04h
FFFFh
-NA-
IMSK1L
05h
FFFFh
-NA-
IMSK2U
06h
FFFFh
-NA-
IMSK2L
07h
FFFFh
-NA-
IMSK3U
63h
FFFFh
-NA-
IMSK3L
64h
FFFFh
-NA-
IVR
65h
0000h
-NA-
IMR
66h
0000h
-NA-
SAID
08h
0000h
-NA-
LAIM
09h
0000h
-NA-
LAIC
0ah
0000h
-NA-
LAIL
0bh
0000h
-NA-
SAGP
0ch
0000h
-NA-
LAGM
0dh
0000h
-NA-
LAGC
0eh
0000h
-NA-
LAGL
0fh
0000h
-NA-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com