Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 28Page - Advanced Micro Devices AM79C850 Datasheet HTML 29Page - Advanced Micro Devices AM79C850 Datasheet HTML 30Page - Advanced Micro Devices AM79C850 Datasheet HTML 31Page - Advanced Micro Devices AM79C850 Datasheet HTML 32Page - Advanced Micro Devices AM79C850 Datasheet HTML 33Page - Advanced Micro Devices AM79C850 Datasheet HTML 34Page - Advanced Micro Devices AM79C850 Datasheet HTML 35Page - Advanced Micro Devices AM79C850 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
AMD
P R E L I M I N A R Y
32
SUPERNET 3
RECV2 UNLOCK
THRESHOLD
LSB
MSB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19574A-5
RECV1 UNLOCK
THRESHOLD
Figure 4. Delay Register (UNLCKDLY)
Symbol Control
The SUPERNET 3 no longer supports the ability to
transmit raw symbols from the Buffer Memory to the
PHY. This feature has been removed and the mode bit
SYMCTL (bit 5, MDREG2) is now reserved and read
as zero.
Dual Attachment Station (DAS) support
The SUPERNET 3 is a SAS only device which is
extensible to a DAS configuration. For a DAS implemen-
tation, the MENDAS bit of the MDREG3 must be set and
the external PHY must be present. In a SAS
configuration, the R9:0 lines are tied to ground and X9:0
lines are driven at all times. The following configurations
are supported:
CFM
State
Figure
Description
Thru_A
Figure 5
The internal PHY is the A-port
and the external PHY is the
B-port. The MAC is placed as
shown in the figure. The MEN-
DAS bit in the MDREG3 must
be set.
Wrap_A
Figure 6
The internal PHY is the A-port
and the external PHY is the
B-port which must be in BYPASS
(if PLC). The MAC is placed as
shown in the figure. The MEN-
DAS bit in the MDREG3 must
be set.
Wrap_B
Figure 7
The internal PHY is the A-port
which must be in BYPASS and
the external PHY is the B-port.
The MAC is placed as shown in
the figure. The MENDAS bit in
the MDREG3 must be set.
Wrap_S
Figure 8
This is the default configuration
of the SUPERNET 3. No external
PHY is required. The MENDAS
bit in the MDREG3 must be reset
(by default). This decouples the
busses from the external PHY as
shown in the figure.
Isolated
The internal PHY (A-port) and
the external PHY (B-port) are
isolated. This is the default reset
state.
Thru_B
This configuration is not
supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com