Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 86Page - Advanced Micro Devices AM79C850 Datasheet HTML 87Page - Advanced Micro Devices AM79C850 Datasheet HTML 88Page - Advanced Micro Devices AM79C850 Datasheet HTML 89Page - Advanced Micro Devices AM79C850 Datasheet HTML 90Page - Advanced Micro Devices AM79C850 Datasheet HTML 91Page - Advanced Micro Devices AM79C850 Datasheet HTML 92Page - Advanced Micro Devices AM79C850 Datasheet HTML 93Page - Advanced Micro Devices AM79C850 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
AMD
P R E L I M I N A R Y
90
SUPERNET 3
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
External PHY Interface Timing
Parameter
No.
Symbol
Parameter Description
Min
Max
Unit
126
tPD
BCLK High to X–Bus (X0–7, XCU, XCL) Valid
35
ns
127
tPD
X–Bus (X0–7, XCU, XCL) Invalid from BCLK High
6
ns
130
tS
R0–7, RCU, RCL Setup Time to LSCLK Low
10
ns
131
tH
R0–7, RCU, RCL Hold Time to LSCLK Low
5
ns
SWITCHING WAVEFORMS
LSCLK
R-Bus
(R0–R7,
RCU, RCL)
X-Bus
(X0–X7,
XCU, XCL)
19574A-39
BCLK
127
130
131
126
Figure 38. PHY Interface Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com