Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 69Page - Advanced Micro Devices AM79C850 Datasheet HTML 70Page - Advanced Micro Devices AM79C850 Datasheet HTML 71Page - Advanced Micro Devices AM79C850 Datasheet HTML 72Page - Advanced Micro Devices AM79C850 Datasheet HTML 73Page - Advanced Micro Devices AM79C850 Datasheet HTML 74Page - Advanced Micro Devices AM79C850 Datasheet HTML 75Page - Advanced Micro Devices AM79C850 Datasheet HTML 76Page - Advanced Micro Devices AM79C850 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
P R E L I M I N A R Y
AMD
73
SUPERNET 3
SUPERNET 3 Programmable Registers (continued)
Register
Mnemonic
NPADDR7–0
Description
“c_min”
“86”
PLC–S Connect state timer register
“tl_min”
“87”
PLC–S line state transmit timer register
“tb_min”
“88”
PLC–S break state timer register
“t_out”
“89”
PLC–S signalling timeout register
“plc_cntrl_c”
“8a”
PLC_S control register C
“lc_length”
“8b”
PLC–S link confidence test timer register
“t_scrub”
“8c”
PLC–S scrub timer register
“ns_max”
“8d”
PLC–S noise timer register
“tpc_load_value”
“8e”
PLC–S TPC timer load register (Write Only)
“tne_load_value”
“8f”
PLC–S TNE timer load register (Write Only)
“plc_status_a”
“90”
PLC–S status register A (Read Only)
“plc_status_b”
“91”
PLC–S status register B
“tpc”
“92”
PLC–S TPC (Read Only)
“tne”
“93”
PLC–S TNE (Read Only)
“clk_div”
“94”
PLC–S clk_div register (Read Only)
“bist_signature”
“95”
PLC–S BIST signature (Read Only)
“rcv_vector”
“96”
PLC–S PCM receive vector register (Read Only)
“intr_event”
“97”
PLC–S interrupt event register (Read Only)
“viol_sym_ctr”
“98”
PLC–S violation symbol counter (Read Only)
“min_idle_ctr”
“99”
PLC–S minimum idle counter (Read Only)
“link_err_ctr”
“9a”
PLC–S link error counter (Read Only)
“9b – af”
Reserved for future use
“afcmd”
“b0”
Address Filter Command Register
“afstat”
“b2”
Address Filter Status Register
“afbist”
“b4”
Address Filter BIST Signature
“afcomp2”
“b6”
Address Filter Comparand 2 Register
“afcomp1”
“b8”
Address Filter Comparand 1 Register
“afcomp0”
“ba”
Address Filter Comparand 0 Register
“afmask2”
“bc”
Address Filter Mask 2 Register
“afmask1”
“be”
Address Filter Mask 1 Register
“afmask0”
“c0”
Address Filter Mask 0 Register
“afpers”
“c2”
Address Filter Personality Register
“c3 – cf”
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com