Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 76Page - Advanced Micro Devices AM79C850 Datasheet HTML 77Page - Advanced Micro Devices AM79C850 Datasheet HTML 78Page - Advanced Micro Devices AM79C850 Datasheet HTML 79Page - Advanced Micro Devices AM79C850 Datasheet HTML 80Page - Advanced Micro Devices AM79C850 Datasheet HTML 81Page - Advanced Micro Devices AM79C850 Datasheet HTML 82Page - Advanced Micro Devices AM79C850 Datasheet HTML 83Page - Advanced Micro Devices AM79C850 Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
AMD
P R E L I M I N A R Y
80
SUPERNET 3
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
NP
Parameter
No.
Symbol
Parameter Description
Min
Max
Unit
26
tS
R/
W and NPADDR[7:0] Setup Time to DS (CSI) Low
0
ns
27
tEN
DS(CSI) Low to NPDATA[15:0] Enabled (Asynchronous Read)
0
28
tPD
DS(CSI) Low to NPDATA[15:0] Valid (Asynchronous Read)
275
ns
29
tS
NPDATA[15:0] Setup Time before
READY Low
(Asynchronous Read)
15
ns
30
tPD
DS (CSI) Low to READY Low
310
ns
31
tZ
DS (CSI) High to READY Deasserted
35
ns
32
tH
R/
W and NPADDR[7:0] Hold Time from DS (CSI) High
0
ns
33
tINV
NPDATA[15:0] Invalid from
DS (CSI) High (Asynchronous Read)
5
34
tZ
DS(CSI) High to NPDATA[15:0] Deasserted
35
ns
35
tPWH
DS High to DS Low (Asynchronous Read/Write Recovery Time)
100
ns
36
tS
NPDATA[15:0] Setup Time to
DS (CSI) Low (Asynchronous Write)
–60
ns
37
tH
NPDATA[15:0] Hold Time from
DS (CSI) High
(Asynchronous Write)
0
ns
38
tS
CSI Setup Time to BCLK
10
ns
39
tH
CSI Hold Time to BCLK
10
ns
40
tS
R/
W and NPADDR[7:0] Setup Time to BCLK
10
ns
41
tH
R/
W and NPADDR[7:0] Hold Time to BCLK
10
ns
42
tZ
BCLK to NPDATA[15:0] Deasserted
30
ns
43
tEN
BCLK to NPDATA[15:0] Enabled
2
ns
44
tPD
BCLK to NPDATA[15:0] Valid
30
ns
45
tINV
BCLK to NPDATA[15:0] Invalid
2
ns
46
tS
NPDATA[15:0] Setup Time to BCLK
30
ns
47
tH
NPDATA[15:0] Hold Time to BCLK
20
ns
48
tPD
BCLK LOW to
READY LOW
25
ns
49
tZ
BCLK HIGH to
READY Deasserted
35
ns
50
tPD
BCLK to
MINTR[4:1] Valid
25
ns
51
tZ
BCLK to
MINTR[4:1] Deasserted
25
ns
52
tPWL
RST Pulse Width Low
(20*tPER4)
ns
53
tS
NPMEMREQ Setup Time to BMCLK
15
ns
54
tH
NPMEMREQ Hold Time to BMCLK
10
ns
55
tPD
BMCLK to NPMEMACK High
20
ns
56
tPD
BMCLK to NPMEMACK Low
20
ns
57
tPD
BMCLK High to
CSO, RD, WR, ADDR15–0 Disabled
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com