Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C850 Datasheet HTML 1Page - Advanced Micro Devices AM79C850 Datasheet HTML 2Page - Advanced Micro Devices AM79C850 Datasheet HTML 3Page - Advanced Micro Devices AM79C850 Datasheet HTML 4Page - Advanced Micro Devices AM79C850 Datasheet HTML 5Page - Advanced Micro Devices AM79C850 Datasheet HTML 6Page - Advanced Micro Devices AM79C850 Datasheet HTML 7Page - Advanced Micro Devices AM79C850 Datasheet HTML 8Page - Advanced Micro Devices AM79C850 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Publication# 19574
Rev. A
Amendment /0
Issue Date: April 1995
This document contains information on a product under development at Advanced Micro Devices, Inc. The information is intended
to help you to evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice.
Advanced
Micro
Devices
Am79C850
SUPERNET® 3
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
s Compliant with the ANSI X3T9.5/ISO 9314
specification
— 100 Mbps data rate
— Timed token-passing protocol
— Ring topology
s Complete memory management
— Supports 256K bytes of local frame buffer
memory
— Supports buffer memory bandwidths of
200 Mbps and 400 Mbps
— Tag-Mode: minimum latency/highest
performance buffer memory management, ideal
for adapter card designs
s ANSI-compliant TP-PMD Stream Cipher
Scrambling/Descrambling
s Full duplex operation: 200 Mbps continuous
data rate
s Supports both fiber optic and copper twisted-
pair media
s Diagnostic features
— Built in Self Test (BIST) in Address Filter,
Physical Layer Controller with Scrambler
s Hardware Physical Connection Management
support
s Low power consumption—reduction of more
than 25% from SUPERNET 2 solution
FUNCTIONAL OVERVIEW
SUPERNET 3 is a 208-pin CMOS integration of FDDI
MAC, PHY, Address Filter, and clock generation and
recovery functions. It is the third generation FDDI
offering from AMD which integrates the SUPERNET 2
family of chips into a single-chip solution. Refer to the
SUPERNET 2 data book (PID 15502C) for basic
feature descriptions.
The SUPERNET 3 is backward compatible to the
SUPERNET 2 Tag Mode of operation in which the
SUPERNET 3 buffer memory interface logic maintains
the buffer memory as multiple FIFOs.
The SUPERNET 3 provides DMA channels, arbitrates
access to the network buffer memory, and controls the
data path between the buffer memory and the medium.
The MAC also implements the timed-token protocol and
receive/transmit control as specified for the Media
Access Control (MAC) sublayer of the ISO standard
9314-2 for FDDI. The Physical Layer functions defined
by the ISO 9314-1 are performed by the SUPERNET 3.
SUPERNET
3
implements
on-chip
digital
clock
recovery and transmit functions for fiber. To support
copper media, the PHY-PMD interface is maintained
and an external module can be implemented in
the same footprint as the fiber optic transceiver to
perform the MLT-3 encoding/decoding and equaliza-
tion. SUPERNET 3 integrates the scrambler and
descrambler
functions
for
transmissions
over
copper media.
SUPERNET 3 FEATURES UPDATE
The basic feature description for SUPERNET 3 is
provided in the SUPERNET 2 data book. The enhanced
features are as listed below:
s This is a CMOS integration of the redesigned
FORMAC Plus, an enhanced PLC, a 32-entry
address filter (AF, which is based on a Content
Addressable Memory, or CAM, core), and a CMOS
PDX core for clock and data recovery.
s A 32-entry, extensible and fully maskable AF
allows additional individual and group addresses to
be supported.
s The physical data transmitter and receiver (PDX)
circuits are also embedded on-chip using
proprietary digital clock-recovery technology.
s For the purposes of implementing copper PMD,
the scrambler/descrambler functions are
embedded within the chip.
s The Buffer Memory interface has been modified to
support slower SRAM’s (35 ns) without affecting
backward compatibility with SUPERNET 2.
s SUPERNET 3 supports the FDDI single
attachment station (SAS) but is capable of
supporting a dual attachment station (DAS)


Similar Part No. - AM79C850

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKC AMD-AM79C864AKC Datasheet
248Kb / 51P
Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKCW AMD-AM79C864AKCW Datasheet
248Kb / 51P
Physical Layer Controller With Scrambler (PLC-S)
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
More results

Similar Description - AM79C850

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254326 ERNI-254326 Datasheet
71Kb / 1P
FEDERLEISTE R/3 30 LOT
284419 ERNI-284419 Datasheet
70Kb / 1P
FEDERLEISTE R/3 20 LOT
294716 ERNI-294716 Datasheet
73Kb / 1P
FEDERLEISTE R/3 30 LOT
294863 ERNI-294863 Datasheet
82Kb / 1P
FEDERLEISTE R/3 30 EE
354383 ERNI-354383 Datasheet
87Kb / 1P
MESSERLEISTE R/3 30 EE
354388 ERNI-354388 Datasheet
63Kb / 1P
Messerleiste R / 3, 30 EE
logo
PHOENIX CONTACT
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2854092 PHOENIX-2854092 Datasheet
157Kb / 5P
MKDSO 2,5/ 3-R KMGY
logo
Molex Electronics Ltd.
2153201031 MOLEX-2153201031 Datasheet
309Kb / 1P
MINIFIT JR SR R-R 3 CIRCUIT 150MM Sn
2020/05/28
2180560305 MOLEX-2180560305 Datasheet
146Kb / 1P
3 CKT DISCR GUARDIAN R-R 500MM
2021/12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com