Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 64Page - Advanced Micro Devices AM79C850 Datasheet HTML 65Page - Advanced Micro Devices AM79C850 Datasheet HTML 66Page - Advanced Micro Devices AM79C850 Datasheet HTML 67Page - Advanced Micro Devices AM79C850 Datasheet HTML 68Page - Advanced Micro Devices AM79C850 Datasheet HTML 69Page - Advanced Micro Devices AM79C850 Datasheet HTML 70Page - Advanced Micro Devices AM79C850 Datasheet HTML 71Page - Advanced Micro Devices AM79C850 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
AMD
P R E L I M I N A R Y
68
SUPERNET 3
Timer/Register
NPADDR
Default Value
Actual Time Value
MDREG1
10h
0080h
-NA-
MDREG2
20h
8000h
-NA-
MDREG3
60h
0000h
-NA-
STMCHN
11h
xxx0 0000 0000 0000b
Bits 15, 14, 13 are
for the revision
number.
FCNTR
41h
0000h
-NA-
LCNTR
42h
0000h
-NA-
ECNTR
43h
0000h
-NA-
FSCNTR
44h
0000h
-NA-
EACB, EARV1, EAS,
22h, 23h, 24h,
EAA0, EAA1, EARV2
25h, 26h, 6bh
unknown
-NA-
SACL, SABC
28h & 29h
unknown
-NA-
RPR1, WPR1, SWPR1
2dh, 2eh, 2fh
unknown
-NA-
RPR2, WPR2, SWPR2
68h, 69h, 6ah
unknown
-NA-
WPXS, WPXA0, WPXA1
30h, 31h, 32h
unknown
-NA-
SWPXS, SWPXA0, SWPXA1
34h, 35h, 36h
unknown
-NA-
RPXS, RPXA0, RPXA1
38h, 39h, 3ah
unknown
-NA-
MARR, MARW
3ch, 3dh
unknown
-NA-
WPXSF, RPXSF
2ah, 2bh
unknown
-NA-
FRMTHR
21h
0000h
-NA-
Notes:
*1 Lower 5 bits are all zero.
*2 Lower 5 bits are all one.
*3 Only lower 5 bits are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com