Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 8Page - Advanced Micro Devices AM79C850 Datasheet HTML 9Page - Advanced Micro Devices AM79C850 Datasheet HTML 10Page - Advanced Micro Devices AM79C850 Datasheet HTML 11Page - Advanced Micro Devices AM79C850 Datasheet HTML 12Page - Advanced Micro Devices AM79C850 Datasheet HTML 13Page - Advanced Micro Devices AM79C850 Datasheet HTML 14Page - Advanced Micro Devices AM79C850 Datasheet HTML 15Page - Advanced Micro Devices AM79C850 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
AMD
P R E L I M I N A R Y
12
SUPERNET 3
high, the upper nibble of the X-bus is interpreted as a
network control character. Otherwise, it is interpreted as
a data nibble.
XCL
Transmit Control Lower (TTL output, high
impedance)
The XCL output signal is used to flag control symbols
being presented on the lower nibble of the transmit bus.
This signal is synchronous to BCLK. If XCL is asserted
high, the lower nibble of the X-bus is interpreted as a
network control character. Otherwise, it is interpreted as
a data nibble.
FOTOFF
Fiber Optic Transmitter Off (TTL Output, Active
Low, high impedance)
The
FOTOFF signal, when asserted, causes the optical
transmitter to turn off.
SDI+, SDI-
Signal Detect (PECL Differential Line Receiver
Inputs)
The SDI input signal pair is from the optical or copper
transceivers to indicate whether the received optical or
electrical signal is above its threshold. The inverted
value of this signal is held in the PHY_STATUS_A
register, and the LSDO interrupt bit in the PHY is set
whenever SDI becomes asserted.
SCRM
Scrambler/Descrambler enable (DC Input,
Active High)
When this pin is strapped high, the SUPERNET 3 is set
to operate with a copper PMD and the scrambler/
descrambler is enabled. When the pin is strapped to
ground, then the scrambler/descrambler function is
disabled in the SUPERNET 3, and the SUPERNET 3 is
set to operate with a fiber PMD. This pin is ORed with
the bit 0 (CIPHER_ENABLE) in the PLC_CNTRL_C
register and the result is indicated in the same bit (bit 0).
The PMD selection and scrambler/descrambler (S/D)
enabling is as follows:
CIPHER_
SCRM
ENABLE
pin
bit
Result
Low
Reset
Fiber PMD. S/D disabled.
Low
Set
Copper PMD. S/D enabled.
High
Reset
Copper PMD. S/D enabled.
High
Set
Copper PMD. S/D enabled.
LSR 2–0
Line State Register (TTL Output, high impedance)
The LSR2–0 signals directly output the LINE_ST field
of the PLC_STATUS_A register to ring test and
monitor equipment.
EBFERR
Elasticity Buffer Error (TTL Output, Active High,
high impedance)
EBFERR indicates when an overflow or underflow
condition occurs in the Elasticity Buffer.
ENCOFF
Encoder Off (TTL Input, Active High)
ENCOFF signal turns off the 4B/5B encoding and
decoding function of the PLC core.
ULSB
Unknown Line State (TTL Output, high impedance)
The ULSB signal directly outputs the UNKN_LINE_ST
bit of the PLC_STATUS_A register to ring test and
monitor equipment.
Clock Pins (3 Pins)
LSCLK
Local Symbol Clock pin (TTL input)
The LSCLK is a 25 MHz clock. It is used by the
PLC core.
BCLK
Byte Clock pin (TTL input)
The BCLK is a 12.5 MHz clock. It is used by the PLC and
the MAC cores.
BMCLK
Buffer Memory Clock pin (TTL input)
The BMCLK is the clock signal that the MAC core uses
for generating the signals to the buffer memory. BMCLK
is driven with either a 12.5 or 25 MHz clock signal. If
12.5 MHz operation is desired, then this pin can be tied
to BCLK pin. If 25 MHz operation is desired, then this pin
can be tied to LSCLK pin.
Node Processor (NP) Interface
(35 Pins)
The following paragraphs describe the pins used to
interface the SUPERNET 3 with the node processor
(NP) or other control devices. The NP interface is used
for initializing the SUPERNET 3 as well as for
reporting status.
CSI
Chip Select Input (TTL input, active low)
– Asynchronous when NPMODE = 0
– Synchronous when NPMODE = 1
The Chip Select Input (active low) enables Read and
Write operations to the SUPERNET 3. In the asynchro-
nous mode, the data output is enabled while
CSI and DS
are both low and R/
W is high. In the synchronous mode,
the data output is enabled while
CSI is low and R/W
is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com