Electronic Components Datasheet Search
  English  ▼

X  

AM79C850 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 32Page - Advanced Micro Devices AM79C850 Datasheet HTML 33Page - Advanced Micro Devices AM79C850 Datasheet HTML 34Page - Advanced Micro Devices AM79C850 Datasheet HTML 35Page - Advanced Micro Devices AM79C850 Datasheet HTML 36Page - Advanced Micro Devices AM79C850 Datasheet HTML 37Page - Advanced Micro Devices AM79C850 Datasheet HTML 38Page - Advanced Micro Devices AM79C850 Datasheet HTML 39Page - Advanced Micro Devices AM79C850 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
AMD
P R E L I M I N A R Y
36
SUPERNET 3
Instructions Supported
This section describes the public and private instruc-
tions that are supported in this implementation. The
instruction register is a 4-bit register. The least
significant bit of the instruction register is the bit nearest
the TDO output. The encoding of the instructions is
as follows:
Instruction
Description
Reg. Selected
INST[3:0]
EXTEST
External test
B.S.R.
0000
IDCODE
Device identification
IDREG
0001
SAMPLE
Sample/preload B.S.R.
B.S.R.
0010
TRI_ST
Force outputs to Hi-Z
Bypass
0011
RUNBIST
Self-test
BIST Execution
0101
SCANBIST
Manufacturing Testing
Scan Results
0110
BYPASS
Bypass register scan
Bypass
1111
EXTEST Instruction
The EXTEST instruction is used to test board level
interconnect and for testing of circuitry external to
SUPERNET 3. This instruction selects the Boundary
Scan register (BSR) for scanning between TDI and TDO
when in the Shift-DR controller state. During execution:
1. SUPERNET 3 outputs are driven from the Parallel
Data register (PDR).
2. SUPERNET 3 internal outputs are sampled into the
BSR.
3. SUPERNET 3 inputs are sampled into the BSR.
4. SUPERNET 3 internal inputs are driven from the
Parallel Data register (PDR).
IDCODE Instruction
The IDCODE instruction is provided for access to the
manufacturer’s identity, the part number, and the
version of the SUPERNET 3. This instruction selects the
32-bit identification register for scanning between TDI
and TDO in the Shift-DR controller state. The IDCODE
instruction is forced into the instruction registers parallel
output latches during the Test-Logic-Reset controller
state. The 32 bits of the identification register are broken
down as follows:
Bits
Description
IDREG[31:28]
Version number (initially 0001)
IDREG[27:12]
Part number - 2870 (Hex)
IDREG[11:1]
Manufacturer’s ID. The 11-bit
manufacturer’s ID. for AMD is
00000000001 according to JEDEC
publication 106-A.
IDREG[0]
Always set to logic 1.
IDREG[31:0]
Value = 1287 0003 (Hex)
SAMPLE Instruction
The SAMPLE/PRELOAD instruction is used to observe
the normal operation of the SUPERNET 3 without
affecting system operation. It is also used to load values
into the PDR prior to the selection of another instruction.
This instruction selects the BSR for scanning between
TDI and TDO during the Shift-DR controller state.
During execution:
1. SUPERNET
3
outputs
are
driven
by
the
SUPERNET 3.
2. SUPERNET 3 internal outputs are sampled into the
BSR.
3. SUPERNET 3 inputs are sampled into the BSR.
4. SUPERNET 3 internal inputs are driven from the
SUPERNET 3 inputs.
TRI_ST Instruction
The TRI_ST instruction is provided for easy tri-state of
all SUPERNET 3 outputs. This instruction selects the
bypass register for scanning between TDI and TDO
during the Shift-DR controller state.
RUNBIST Instruction
The RUNBIST instruction is provided for self-test of the
SUPERNET 3. This instruction must not be selected
during the normal operation of the part.
Once the RUNBIST instruction is selected, the BIST
operation is enabled by applying a minimum of 65000
TCK clock cycles while in the RUN-TEST/IDLE TAP
controller state. Once the minimum number of clock
cycles
have
elapsed,
proceed
to
load
the
SCANBIST instruction.
SCANBIST Instruction
The SCANBIST instruction selects the BIST result
register for scanning between TDI and TDO during the
Shift-DR controller state. The BIST results can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com