Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 40Page - STMicroelectronics SPC584BX Datasheet HTML 41Page - STMicroelectronics SPC584BX Datasheet HTML 42Page - STMicroelectronics SPC584BX Datasheet HTML 43Page - STMicroelectronics SPC584BX Datasheet HTML 44Page - STMicroelectronics SPC584BX Datasheet HTML 45Page - STMicroelectronics SPC584BX Datasheet HTML 46Page - STMicroelectronics SPC584BX Datasheet HTML 47Page - STMicroelectronics SPC584BX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 142 page
background image
Electrical characteristics
SPC584Bx
44/142
DS11701 Rev 4
4.11.2
Crystal Oscillator 32 kHz
VHYS
CC
D
Comparator Hysteresis
TJ = –40 °C to 150 °C
0.1
1.0
V
IXTAL
CC
D
XTAL current(8),(9)
TJ = –40 °C to 150 °C
14
mA
1. The range is selectable by UTEST miscellaneous DCF client XOSC_FREQ_SEL.
2. The XTAL frequency, if used to feed the PPL0 (or PLL1), shall obey the minimum input frequency limit set for PLL0 (or
PLL1).
3. This value is determined by the crystal manufacturer and board design, and it can potentially be higher than the maximum
provided.
4. Proper PC board layout procedures must be followed to achieve specifications.
5. Crystal recovery time is the time for the oscillator to settle to the correct frequency after adjustment of the integrated load
capacitor value.
6. Applies to an external clock input and not to crystal mode.
7. See crystal manufacturer’s specification for recommended load capacitor (CL) values.The external oscillator requires
external load capacitors when operating from 8 MHz to 16 MHz. Account for on-chip stray capacitance (CS_EXTAL/CS_XTAL)
and PCB capacitance when selecting a load capacitor value. When operating at 20 MHz/40 MHz, the integrated load
capacitor value is selected via S/W to match the crystal manufacturer’s specification, while accounting for on-chip and PCB
capacitance.
8. Amplitude on the EXTAL pin after startup is determined by the ALC block, that is the Automatic Level Control Circuit. The
function of the ALC is to provide high drive current during oscillator startup, but reduce current after oscillation in order to
reduce power, distortion, and RFI, and to avoid over driving the crystal. The operating point of the ALC is dependent on the
crystal value and loading conditions.
9. IXTAL is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded. This is the maximum
current during startup of the oscillator.
Table 21. External 40 MHz oscillator electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
Table 22. 32 kHz
external slow oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fsxosc
SR
T
Slow external
crystal oscillator
frequency
32768
Hz
gmsxosc
CC
P
Slow external
crystal oscillator
transconductance
—9.5
32
µA/V
Vsxosc
CC
T
Oscillation
Amplitude
—0.5
1.7
V
Isxoosc
CC
D
Oscillator
consumption
——
9
µA
Tsxosc
CC
T
Start up time
2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com