Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 5Page - STMicroelectronics SPC584BX Datasheet HTML 6Page - STMicroelectronics SPC584BX Datasheet HTML 7Page - STMicroelectronics SPC584BX Datasheet HTML 8Page - STMicroelectronics SPC584BX Datasheet HTML 9Page - STMicroelectronics SPC584BX Datasheet HTML 10Page - STMicroelectronics SPC584BX Datasheet HTML 11Page - STMicroelectronics SPC584BX Datasheet HTML 12Page - STMicroelectronics SPC584BX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
DS11701 Rev 4
9/142
SPC584Bx
Description
12
Figure 1. Block diagram
SPU
DCI
JTAGC
JTAGM
NPC
Nexus Data
Trace
32 ADD
64 DATA
64 Ch
eDMA
AHB_M6
AHB_M4
FLASH
2 MB
EEPROM
4x16 KB
Non Volatile Memory
Multiple RWW partitions
256 Page Line
SWT IAC
Instruction
32 ADD
64 DATA
Load / Store
32 ADD
64 DATA
AHB_S
System Memory Protection Unit
Cross Bar Switch (XBAR) AMBA 2.0 v6 AHB – 64 bit
Periph. Bridge
AIPS_2
E2E ECC
Peripheral
Cluster 2
32 ADD
64 DATA
32 ADD
32 DATA
Periph. Bridge
AIPS_1
E2E ECC
Peripheral
Cluster 1
32 ADD
64 DATA
32 ADD
32 DATA
PRAMC
with E2E
ECC
32 ADD
64 DATA
SRAM
Array 2
128 KB
32 ADD
64 DATA
PFLASHC
Set-Associative
Prefetch Buffers
with E2E ECC
32 ADD
64 DATA
AHB_S
AHB_S
AHB_S
AHB_S
AHB_M
AHB_M
e200 z420n3 – 120 MHz
dual issue
Main Core
Nexus3p
VLE
EFPU2
I-Cache
Control
8 KB
2 way
Unified
Backdoor
Interface
With
E2E ECC
D-MEM
Control
64 KB
D-MEM
Core Memory Protection Unit
(CMPU)
BIU with E2E ECC
Decorated Storage Access
INTC
AHB_M
SBI
(32 to 64)
HSM
32 ADD
32 DATA
32 ADD
64 DATA
D-Cache
Control
4 KB
2 way
32 ADD
64 DATA
Nexus Data
Trace
AHB_M
32 ADD
64 DATA
AHB_M
Nexus Data
Trace
32 ADD
64 DATA
Concentrator_1
E2E ECC
PAMU
32 ADD
64 DATA
AHB_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com