Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 56Page - STMicroelectronics SPC584BX Datasheet HTML 57Page - STMicroelectronics SPC584BX Datasheet HTML 58Page - STMicroelectronics SPC584BX Datasheet HTML 59Page - STMicroelectronics SPC584BX Datasheet HTML 60Page - STMicroelectronics SPC584BX Datasheet HTML 61Page - STMicroelectronics SPC584BX Datasheet HTML 62Page - STMicroelectronics SPC584BX Datasheet HTML 63Page - STMicroelectronics SPC584BX Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
Electrical characteristics
SPC584Bx
60/142
DS11701 Rev 4
8. Total receiver startup time from power down to normal mode is tSTRT_BIAS + tPD2NM_RX + 2 peripheral bridge clock periods.
9. Total receiver startup time from power down to sleep mode is tPD2SM_RX + 2 peripheral bridge clock periods. Bias block re-
mains enabled in sleep mode.
10. Absolute min = 0.15 V – (285 mV/2) = 0 V
11. Absolute max = 1.6 V + (285 mV/2) = 1.743 V
12. Value valid for LFAST mode. The LXRXOP[0] bit in the LFAST LVDS Control Register (LCR) must be set to one to ensure
proper LFAST receive timing.
13. Total internal capacitance including receiver and termination, co-bonded GPIO pads, and package contributions.
Table 30. LFAST transmitter electrical characteristics(1),(2),(3)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fDATA
SR D
Data rate
—
—
—
320
Mbps
VOS
CC P
Common mode voltage
—
1.08
—
1.32
V
|
VOD|CC P
Differential output voltage swing
(terminated)(4),(5)
—
110
—
285
mV
tTR
CC T
Rise time from -|
VOD(min)| to
+|
VOD(min)|. Fall time from
+|
VOD(min)| to -|VOD(min)|
—
0.26
—
1.25
ns
CL
SR D
External lumped differential load
capacitance(4)
VDD_HV_IO = 4.5 V
—
—
6.0
pF
VDD_HV_IO = 3.0 V
—
—
4.0
ILVDS_TX CC C
Transmitter DC current consumption
Enabled
—
—
3.6
mA
IPIN_TX
CC D
Transmitter DC current sourced through
output pin
—
1.1
2.85
mA
1. This table is applicable to LFAST LVDS pads used in LFAST configuration (SIUL2_MSCR_IO_n.ODC=101).
2. The LFAST and High-Speed Debug LFAST pad electrical characteristics are based on worst case internal capacitance
values shown in Figure 12.
3. All LFAST and High-Speed Debug LVDS pad electrical characteristics are valid from -40 °C to 150 °C.
4. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 12.
5. Valid for maximum external load CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com