Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 71Page - STMicroelectronics SPC584BX Datasheet HTML 72Page - STMicroelectronics SPC584BX Datasheet HTML 73Page - STMicroelectronics SPC584BX Datasheet HTML 74Page - STMicroelectronics SPC584BX Datasheet HTML 75Page - STMicroelectronics SPC584BX Datasheet HTML 76Page - STMicroelectronics SPC584BX Datasheet HTML 77Page - STMicroelectronics SPC584BX Datasheet HTML 78Page - STMicroelectronics SPC584BX Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
DS11701 Rev 4
75/142
SPC584Bx
Electrical characteristics
76
tfferase
Full flash erasing time(9)
9.9
C
18.1
23.3
P
14.3
C
s
tESRT
Erase suspend request
rate(10)
200
T
— µs
tPSRT
Program suspend request
rate(10)
30
T
— µs
tAMRT
Array Integrity Check - Margin
Read suspend request rate
15
T
— µs
tPSUS
Program suspend latency(11)
——
12
T
µs
tESUS
Erase suspend latency(11)
——
22
T
µs
tAIC0S
Array Integrity Check (2.0 MB,
sequential)(12)
12.8
T
— ms
tAIC256KS
Array Integrity Check (256
KB, sequential)(12)
1.5
T
— ms
tAIC0P
Array Integrity Check (2.0 MB,
proprietary)(12)
4.0
T
s
tMR0S
Margin Read (2.0 MB,
sequential)(12)
35
T
— ms
tMR256KS
Margin Read (256 KB,
sequential)(12)
4.0
T
— ms
1. Characteristics are valid both for Data Flash and Code Flash, unless specified in the characteristics column.
2. Actual hardware operation times; this does not include software overhead.
3. Typical program and erase times assume nominal supply values and operation at 25 °C.
4. Typical End of Life program and erase times represent the median performance and assume nominal supply values.
Typical End of Life program and erase values may be used for throughput calculations. These values are characteristic, but
not tested.
5. Lifetime maximum program & erase times apply across the voltages and temperatures and occur after the specified
number of program/erase cycles. These maximum values are characterized but not tested or guaranteed.
6. Initial factory condition: < 100 program/erase cycles, 25 °C typical junction temperature and nominal (± 5 %) supply
voltages.
7. Initial maximum “All temp” program and erase times provide guidance for time-out limits used in the factory and apply for
less than or equal to 100 program or erase cycles, –40 °C < TJ < 150 °C junction temperature and nominal (± 5 %) supply
voltages.
8. Rate computed based on 256 KB sectors.
9. Only code sectors, not including EEPROM.
10. Time between suspend resume and next suspend. Value stated actually represents Min value specification.
11. Timings guaranteed by design.
12. AIC is done using system clock, thus all timing is dependent on system frequency and number of wait states. Timing in the
table is calculated at max frequency.
Table 40. Flash memory program and erase specifications (continued)
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 250 K
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com