Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 55Page - STMicroelectronics SPC584BX Datasheet HTML 56Page - STMicroelectronics SPC584BX Datasheet HTML 57Page - STMicroelectronics SPC584BX Datasheet HTML 58Page - STMicroelectronics SPC584BX Datasheet HTML 59Page - STMicroelectronics SPC584BX Datasheet HTML 60Page - STMicroelectronics SPC584BX Datasheet HTML 61Page - STMicroelectronics SPC584BX Datasheet HTML 62Page - STMicroelectronics SPC584BX Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 142 page
background image
DS11701 Rev 4
59/142
SPC584Bx
Electrical characteristics
62
tSM2NM_TX
CC T
Transmitter startup time (sleep
mode to normal mode)(7)
Not applicable to the
MSC/DSPI LVDS pad
—0.4
0.6
µs
tPD2NM_RX
CC T
Receiver startup time (power
down to normal mode)(8)
—
—
20
40
ns
tPD2SM_RX
CC T
Receiver startup time (power
down to sleep mode)(9)
Not applicable to the
MSC/DSPI LVDS pad
—20
50
ns
ILVDS_BIAS
CC D LVDS bias current consumption
Tx or Rx enabled
—
—
0.95
mA
TRANSMISSION LINE CHARACTERISTICS (PCB Track)
Z0
SR D
Transmission line characteristic
impedance
—47.5
50
52.5
ZDIFF
SR D
Transmission line differential
impedance
—
95
100
105
RECEIVER
VICOM
SR T
Common mode voltage
—
0.15
(10)
—1.6(11)
V
|
VI|
SR T
Differential input voltage(12)
—100
—
—
mV
VHYS
CC T
Input hysteresis
—
25
—
—
mV
RIN
CC D
Terminating resistance
VDD_HV_IO = 5.0 V ±
10 %
-40 °C<TJ<150 °C
80
—
150
VDD_HV_IO = 3.3 V ±
10 %
-40 °C<TJ < 150 °C
80
—
175
CIN
CC D Differential input capacitance(13)
—
—
3.5
6.0
pF
ILVDS_RX
CC C
Receiver DC current
consumption
Enabled
—
—
1.6
mA
IPIN_RX
CC D
Maximum consumption on
receiver input pin
VI =400 mV,
RIN =80 
——
5
mA
1. The LVDS pad startup and receiver electrical characteristics in this table apply to both the LFAST & High-speed Debug
(HSD) LVDS pad.
2. All LVDS pad electrical characteristics are valid from -40 °C to 150 °C.
3. All startup times are defined after a 2 peripheral bridge clock delay from writing to the corresponding enable bit in the LVDS
control registers (LCR) of the LFAST and High-speed Debug modules. The value of the LCR bits for the LFAST/HSD
modules don’t take effect until the corresponding SIUL2 MSCR ODC bits are set to LFAST LVDS mode. Startup times for
MSC/DSPI LVDS are defined after 2 peripheral bridge clock delay after selecting MSC/DSPI LVDS in the corresponding
SIUL2 MSCR ODC field.
4. Startup times are valid for the maximum external loads CL defined in both the LFAST/HSD and MSC/DSPI transmitter
electrical characteristic tables.
5. Bias startup time is defined as the time taken by the current reference block to reach the settling bias current after being en-
abled.
6. Total transmitter startup time from power down to normal mode is tSTRT_BIAS + tPD2NM_TX + 2 peripheral bridge clock peri-
ods.
7. Total transmitter startup time from sleep mode to normal mode is tSM2NM_TX + 2 peripheral bridge clock periods. Bias block
remains enabled in sleep mode.
Table 29. LVDS pad startup and receiver electrical characteristics(1),(2) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com