Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 22Page - STMicroelectronics SPC584BX Datasheet HTML 23Page - STMicroelectronics SPC584BX Datasheet HTML 24Page - STMicroelectronics SPC584BX Datasheet HTML 25Page - STMicroelectronics SPC584BX Datasheet HTML 26Page - STMicroelectronics SPC584BX Datasheet HTML 27Page - STMicroelectronics SPC584BX Datasheet HTML 28Page - STMicroelectronics SPC584BX Datasheet HTML 29Page - STMicroelectronics SPC584BX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 142 page
background image
Electrical characteristics
SPC584Bx
26/142
DS11701 Rev 4
4.8
I/O pad specification
The following table describes the different pad type configurations.
Note:
Each I/O pin on the device supports specific drive configurations. See the signal description
table in the device reference manual for the available drive configurations for each I/O pin.
PMC_DIG_VSIO register has to be configured to select the voltage level (3.3 V or 5.0 V) for
each IO segment.
Logic level is configurable in running mode while it is CMOS not-configurable in STANDBY
for LP (low power) pads, so if a LP pad is used to wakeup from STANDBY, it should be
configured as CMOS also in running mode in order to prevent device wrong behavior in
STANDBY.
4.8.1
I/O input DC characteristics
The following table provides input DC electrical characteristics, as described in Figure 3.
Table 9. I/O pad specification descriptions
Pad type
Description
Weak configuration
Provides a good compromise between transition time and low electromagnetic emission.
Medium configuration
Provides transition fast enough for the serial communication channels with controlled
current to reduce electromagnetic emission.
Strong configuration
Provides fast transition speed; used for fast interface.
Very strong
configuration
Provides maximum speed and controlled symmetric behavior for rise and fall transition.
Used for fast interface including Ethernet interface requiring fine control of rising/falling
edge jitter.
Differential
configuration
A few pads provide differential capability providing very fast interface together with good
EMC performances.
Input only pads
These low input leakage pads are associated with the ADC channels.
Standby pads
These pads (LP pads) are active during STANDBY. They are configured in CMOS level
logic and this configuration cannot be changed. Moreover, when the device enters the
STANDBY mode, the pad-keeper feature is activated for LP pads. It means that:
– if the pad voltage level is above the pad keeper high threshold, a weak pull-up resistor
is automatically enabled
– if the pad voltage level is below the pad keeper low threshold, a weak pull-down resistor
is automatically enabled.
For the pad-keeper high/low thresholds, consider(VDD_HV_IO_MAIN / 2) +/-20 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com