Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 99 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 99 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 95Page - STMicroelectronics SPC584BX Datasheet HTML 96Page - STMicroelectronics SPC584BX Datasheet HTML 97Page - STMicroelectronics SPC584BX Datasheet HTML 98Page - STMicroelectronics SPC584BX Datasheet HTML 99Page - STMicroelectronics SPC584BX Datasheet HTML 100Page - STMicroelectronics SPC584BX Datasheet HTML 101Page - STMicroelectronics SPC584BX Datasheet HTML 102Page - STMicroelectronics SPC584BX Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 142 page
background image
DS11701 Rev 4
99/142
SPC584Bx
Electrical characteristics
101
Figure 41. RMII transmit signal timing diagram
4.17.4
CAN timing
The following table describes the CAN timing.
Table 55. RMII transmit signal timing
Symbol
C
Characteristic
Value
Unit
Min
Max
R5
CC D REF_CLK to TXD[1:0], TX_EN invalid
2
—
ns
R6
CC D REF_CLK to TXD[1:0], TX_EN valid
—
14
ns
R7
CC D REF_CLK pulse width high
35 %
65 %
REF_CLK period
R8
CC D REF_CLK pulse width low
35 %
65 %
REF_CLK period
R6
REF_CLK (input)
TXD[1:0] (outputs)
TX_EN
R5
R7
R8
Table 56. CAN timing
Symbol
C
Parameter
Condition
Value
Unit
Min
Typ
Max
tP(RX:TX)
CC
D
CAN
controller
propagation
delay time
standard
pads
Medium type pads 25 pF load
—
—
70
ns
CC
D
Medium type pads 50 pF load
—
—
80
CC
D
STRONG, VERY STRONG type pads
25 pF load
——
60
CC
D
STRONG, VERY STRONG type pads
50 pF load
——
65
tPLP(RX:TX)
CC
D
CAN
controller
propagation
delay time
low power
pads
Medium type pads 25 pF load
—
—
90
ns
CC
D
Medium type pads 50 pF load
—
—
100
CC
D
STRONG, VERY STRONG type pads
25 pF load
——
80
CC
D
STRONG, VERY STRONG type pads
50 pF load
——
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com