Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 100 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 100 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 96Page - STMicroelectronics SPC584BX Datasheet HTML 97Page - STMicroelectronics SPC584BX Datasheet HTML 98Page - STMicroelectronics SPC584BX Datasheet HTML 99Page - STMicroelectronics SPC584BX Datasheet HTML 100Page - STMicroelectronics SPC584BX Datasheet HTML 101Page - STMicroelectronics SPC584BX Datasheet HTML 102Page - STMicroelectronics SPC584BX Datasheet HTML 103Page - STMicroelectronics SPC584BX Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 142 page
background image
Electrical characteristics
SPC584Bx
100/142
DS11701 Rev 4
4.17.5
UART timing
UART channel frequency support is shown in the following table.
4.17.6
I2C timing
The I2C AC timing specifications are provided in the following tables.
Note:
In the following table, I2C input timing is valid for Automotive and TTL inputs levels,
hysteresis enabled, and an input edge rate no slower than 1 ns (10 % – 90 %).
Note:
In the following table:
Table 57. UART frequency support
LINFlexD clock
frequency LIN_CLK
(MHz)
Oversampling rate
Voting scheme
Max usable frequency
(Mbaud)
80
16
3:1 majority voting
5
810
6
Limited voting on one
sample with configurable
sampling point
13.33
516
420
100
16
3:1 majority voting
6.25
8
12.5
6
Limited voting on one
sample with configurable
sampling point
16.67
520
425
Table 58. I2C input timing specifications – SCL and SDA
No. Symbol C
Parameter
Value
Unit
Min
Max
1
— CC D Start condition hold time
2
PER_CLK
Cycle(1)
2
— CC D Clock low time
8
PER_CLK Cycle
3
— CC D Bus free time between Start and Stop condition
4.7
µs
4
— CC D Data hold time
0.0
ns
5
— CC D Clock high time
4
PER_CLK Cycle
6
— CC D Data setup time
0.0
ns
7
— CC D Start condition setup time (for repeated start condition only)
2
PER_CLK Cycle
8
— CC D Stop condition setup time
2
PER_CLK Cycle
1. PER_CLK is the SoC peripheral clock, which drives the I2C BIU and module clock inputs. See the Clocking chapter in the
device reference manual for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com