Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 34Page - STMicroelectronics SPC584BX Datasheet HTML 35Page - STMicroelectronics SPC584BX Datasheet HTML 36Page - STMicroelectronics SPC584BX Datasheet HTML 37Page - STMicroelectronics SPC584BX Datasheet HTML 38Page - STMicroelectronics SPC584BX Datasheet HTML 39Page - STMicroelectronics SPC584BX Datasheet HTML 40Page - STMicroelectronics SPC584BX Datasheet HTML 41Page - STMicroelectronics SPC584BX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 142 page
background image
Electrical characteristics
SPC584Bx
38/142
DS11701 Rev 4
Figure 6. Noise filtering on reset signal
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset
internal
reset
1
2
3a
3b
3c
VHYS
VPORST
Table 17. Reset PAD electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIHRES
SR
P
Input high level
TTL
VDD_HV =5.0 V ± 10 %
VDD_HV =3.3 V ± 10 %
2—
VDD_HV_IO
+0.3
V
VILRES
SR
P
Input low level
TTL
VDD_HV = 5.0 V ± 10 %
-0.3
—
0.8
V
VDD_HV = 3.3 V ± 10 %
-0.3
—
0.6
VHYSRES
CC
C
Input hysteresis
TTL
VDD_HV =5.0 V ± 10 %
0.3
—
—
V
VDD_HV =3.3 V ± 10 %
0.2
—
—
VDD_POR
CC
D
Minimum supply
for strong pull-
down activation
VDD_HV = 5.0 V ± 10 %
—
—
1.6
V
VDD_HV = 3.3 V ± 10 %
—
—
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com