Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 7Page - STMicroelectronics SPC584BX Datasheet HTML 8Page - STMicroelectronics SPC584BX Datasheet HTML 9Page - STMicroelectronics SPC584BX Datasheet HTML 10Page - STMicroelectronics SPC584BX Datasheet HTML 11Page - STMicroelectronics SPC584BX Datasheet HTML 12Page - STMicroelectronics SPC584BX Datasheet HTML 13Page - STMicroelectronics SPC584BX Datasheet HTML 14Page - STMicroelectronics SPC584BX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
DS11701 Rev 4
11/142
SPC584Bx
Description
12
2.3
Features overview
On-chip modules within SPC584Bx include the following features:
One main CPU, dual issue, 32-bit CPU core complexes (e200z4)
Power Architecture embedded specification compliance
Instruction set enhancement allowing variable length encoding (VLE), encoding a
mix of 16-bit and 32-bit instructions, for code size footprint reduction
Single-precision floating point operations
64 KB local data RAM for Core_2
8 KB I-Cache and 4 KB D-Cache for Core_2
2112 KB (2048 KB code flash + 64 KB data flash) on-chip flash memory
Supports read during program and erase operations, and multiple blocks allowing
EEPROM emulation
176 KB HSM dedicated flash memory (144 KB code + 32 KB data)
128 KB on-chip general-purpose SRAM (+ 64 KB local data RAM: 64 KB included in
the CPU)
Multi channel direct memory access controllers
32 eDMA channels
One interrupt controller (INTC)
Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for computational shell
Crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from
multiple bus masters with end-to-end ECC
Hardware security module (HSM) with HW cryptographic co-processor
System integration unit lite (SIUL)
Boot assist Flash (BAF) supports factory programming using a serial bootload through
the asynchronous CAN or LIN/UART.
Hardware support for safety ASIL-B level related applications
Enhanced modular IO subsystem (eMIOS): up to 64 (2 x 32) timed I/O channels with
16-bit counter resolution
Buffered updates
Support for shifted PWM outputs to minimize occurrence of concurrent edges
Supports configurable trigger outputs for ADC conversion for synchronization to
channel output waveforms
Shared or independent time bases
DMA transfer support available
Body Cross Triggering Unit (BCTU)
Triggers ADC conversions from any eMIOS channel
Triggers ADC conversions from up to 2 dedicated PIT_RTIs
One event configuration register dedicated to each timer event allows to define the
corresponding ADC channel
Synchronization with ADC to avoid collision
Enhanced analog-to-digital converter system with:
Two independent fast 12-bit SAR analog converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com