Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 85Page - STMicroelectronics SPC584BX Datasheet HTML 86Page - STMicroelectronics SPC584BX Datasheet HTML 87Page - STMicroelectronics SPC584BX Datasheet HTML 88Page - STMicroelectronics SPC584BX Datasheet HTML 89Page - STMicroelectronics SPC584BX Datasheet HTML 90Page - STMicroelectronics SPC584BX Datasheet HTML 91Page - STMicroelectronics SPC584BX Datasheet HTML 92Page - STMicroelectronics SPC584BX Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 142 page
background image
DS11701 Rev 4
89/142
SPC584Bx
Electrical characteristics
101
4tSDC CC D SCK duty cycle(6)
SCK drive strength
Very strong
0 pF
1/2tSCK –2
1/2tSCK +2
ns
Strong
0 pF
1/2tSCK –2
1/2tSCK +2
Medium
0 pF
1/2tSCK –5
1/2tSCK +5
PCS strobe timing
5tPCSC CC D
PCSx to PCSS
time(7)
PCS and PCSS drive
strength
Strong
25 pF
16.0
—
ns
6tPASC CC D
PCSS to PCSx
time(7)
PCS and PCSS drive
strength
Strong
25 pF
16.0
—
ns
SIN setup time
7tSUI CC D
SIN setup time to
SCK
CPHA = 0(8)
SCK drive strength
Very strong
25pF
25–(P(9) ×tSYS(4))—
ns
Strong
50 pF
31 – (P(9) ×tSYS(4))—
Medium
50 pF
52 – (P(9) ×tSYS(4))—
SIN setup time to
SCK
CPHA = 1(8)
SCK drive strength
Very strong
25 pF
25.0
—
ns
Strong
50 pF
31.0
—
Medium
50 pF
52.0
—
SIN hold time
8tHI
CC D
SIN hold time
from SCK
CPHA = 0(8)
SCK drive strength
Very strong
0 pF
–1 + (P(9) ×tSYS(3))—
ns
Strong
0pF
–1+(P(9) ×tSYS(3))—
Medium
0 pF
–1 + (P(9) ×tSYS(3))—
SIN hold time
from SCK
CPHA = 1(8)
SCK drive strength
Very strong
0 pF
–1.0
—
ns
Strong
0 pF
–1.0
—
Medium
0 pF
–1.0
—
Table 47. DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1 (continued)
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com