Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 1 Page - STMicroelectronics

  SPC584BX Datasheet HTML 1Page - STMicroelectronics SPC584BX Datasheet HTML 2Page - STMicroelectronics SPC584BX Datasheet HTML 3Page - STMicroelectronics SPC584BX Datasheet HTML 4Page - STMicroelectronics SPC584BX Datasheet HTML 5Page - STMicroelectronics SPC584BX Datasheet HTML 6Page - STMicroelectronics SPC584BX Datasheet HTML 7Page - STMicroelectronics SPC584BX Datasheet HTML 8Page - STMicroelectronics SPC584BX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
This is information on a product in full production.
September 2019
DS11701 Rev 4
1/142
SPC584Bx
32-bit Power Architecture microcontroller for automotive ASIL-B
applications
Datasheet
- production data
Features
 AEC-Q100 qualified
 High performance e200z420
– 32-bit Power Architecture technology CPU
– Core frequency as high as 120 MHz
– Variable Length Encoding (VLE)
 2112 KB (2048 KB code flash + 64 KB data
flash) on-chip flash memory: supports read
during program and erase operations, and
multiple blocks allowing EEPROM emulation
 176 KB HSM dedicated flash memory (144 KB
code + 32 KB data)
 128 KB on-chip general-purpose SRAM (in
addition to 64 KB core local data RAM
 Crossbar switch architecture for concurrent
access to peripherals, Flash, or RAM from
multiple bus masters with end-to-end ECC
 Multi-channel direct memory access controller
(eDMA) with 64 channels
 1 interrupt controller (INTC)
 Comprehensive new generation ASIL-B safety
concept
– ASIL-B of ISO 26262
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– Cyclic redundancy check (CRC) unit
 Enhanced low power support
– Ultra low power STANDBY
– Smart Wake-up Unit
– Fast wake-up and execute from RAM
 Enhanced modular IO subsystem (eMIOS): up
to 64 timed I/O channels with 16-bit counter
resolution
 Body cross triggering unit (BCTU)
– Triggers ADC conversions from any eMIOS
channel
– Triggers ADC conversions from up to 2
dedicated PIT_RTIs
 Enhanced analog-to-digital converter system
with:
– 2 independent fast 12-bit SAR analog
converters
– 1 supervisor 12-bit SAR analog converter
– 1 10-bit SAR analog converter with STDBY
mode support
 Communication interfaces
– 1 Ethernet controller 10/100 Mbps,
compliant IEEE 802.3-2008
– 8 MCAN interfaces with advanced shared
memory scheme and ISO CAN-FD support
– 14 LINFlexD modules
– 7 Deserial Serial Peripheral Interface
(DSPI) modules
 Dual phase-locked loops with stable clock
domain for peripherals and FM modulation
domain for computational shell
 Nexus Development Interface (NDI) per IEEE-
ISTO 5001-2003 standard, with some support
for 2010 standard
eTQFP100 (14 x 14 x 1.0 mm)
eTQFP64 (10 x 10 x 1.0 mm)
eTQFP144 (20 x 20 x 1.0 mm)
eTQFP176 (24 x 24 x 1.4 mm)
www.st.com


Similar Part No. - SPC584BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC584CX STMICROELECTRONICS-SPC584CX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC584G80 STMICROELECTRONICS-SPC584G80 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584G80C3E000X STMICROELECTRONICS-SPC584G80C3E000X Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results

Similar Description - SPC584BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC584CX STMICROELECTRONICS-SPC584CX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com