Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 41Page - STMicroelectronics SPC584BX Datasheet HTML 42Page - STMicroelectronics SPC584BX Datasheet HTML 43Page - STMicroelectronics SPC584BX Datasheet HTML 44Page - STMicroelectronics SPC584BX Datasheet HTML 45Page - STMicroelectronics SPC584BX Datasheet HTML 46Page - STMicroelectronics SPC584BX Datasheet HTML 47Page - STMicroelectronics SPC584BX Datasheet HTML 48Page - STMicroelectronics SPC584BX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 142 page
background image
DS11701 Rev 4
45/142
SPC584Bx
Electrical characteristics
46
4.11.3
RC oscillator 16 MHz
Table 23. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fTarget
CC
D
IRC target frequency
16
MHz
fvar_noT
CC
P
IRC frequency variation
without temperature
compensation
T < 150 °C
–5
5
%
fvar_T
CC
T
IRC frequency variation
with temperature
compensation
T < 150 °C
–3
3
%
fvar_SW
T
IRC software trimming
accuracy
Trimming
temperature
–0.5
+0.3
0.5
%
Tstart_noT
CC
T Startup time to reach within
fvar_noT
Factory
trimming
already
applied
——
5
µs
Tstart_T
CC
T Startup time to reach within
fvar_T
Factory
trimming
already
applied
——
120
µs
IFIRC
CC
T Current consumption on HV
power supply(1)
1. The consumption reported considers the sum of the RC oscillator 16 MHz IP, and the core logic clocked by the IP during
Standby mode.
After Tstart_T
1200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com