Electronic Components Datasheet Search
  English  ▼

X  

SPC584BX Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 84Page - STMicroelectronics SPC584BX Datasheet HTML 85Page - STMicroelectronics SPC584BX Datasheet HTML 86Page - STMicroelectronics SPC584BX Datasheet HTML 87Page - STMicroelectronics SPC584BX Datasheet HTML 88Page - STMicroelectronics SPC584BX Datasheet HTML 89Page - STMicroelectronics SPC584BX Datasheet HTML 90Page - STMicroelectronics SPC584BX Datasheet HTML 91Page - STMicroelectronics SPC584BX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 142 page
background image
Electrical characteristics
SPC584Bx
88/142
DS11701 Rev 4
Figure 29. DSPI PCS strobe (PCSS) timing (master mode)
4.17.2.1.2 DSPI CMOS master mode — modified timing
Note:
In the following table, all output timing is worst case and includes the mismatching of rise
and fall times of the output pads.
PCSx
PCSS
tPCSC
tPASC
Table 47. DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max
1tSCK CC D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC CC D
PCS to SCK
delay
SCK and PCS drive
strength
Very strong
25 pF
(N(3) × tSYS(4))–16
—
ns
Strong
50 pF
(N(3) × tSYS(4))–16
—
Medium
50 pF
(N(3) × tSYS(4))–16
—
PCS
medium and
SCK strong
PCS = 50 pF
SCK = 50 pF
(N(3) × tSYS(4))–29
—
3tASC CC D After SCK delay
SCK and PCS drive
strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—
ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—
Medium
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—
PCS
medium and
SCK strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com