Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 35 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 31Page - Analog Devices ADM1027 Datasheet HTML 32Page - Analog Devices ADM1027 Datasheet HTML 33Page - Analog Devices ADM1027 Datasheet HTML 34Page - Analog Devices ADM1027 Datasheet HTML 35Page - Analog Devices ADM1027 Datasheet HTML 36Page - Analog Devices ADM1027 Datasheet HTML 37Page - Analog Devices ADM1027 Datasheet HTML 38Page - Analog Devices ADM1027 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
REV. A
ADM1027
–35–
Step 7
Determine THYST for Each Temperature Channel
THYST is the amount of extra cooling a fan provides after the
measured temperature has dropped back below TMIN before the
fan turns off. The premise for temperature hysteresis (THYST)
is that without it, the fan would merely chatter, or cycle on and
off regularly, whenever the temperature is hovering about the
TMIN setting.
The THYST value chosen will determine the amount of time
needed for the system to cool down or heat up, as the fan is
turning on and off. Values of hysteresis are programmable in
the range 1
∞C to 15∞C. Larger values of THYST prevent the fans
chattering on and off as previously described. The THYST default
value is 4
∞C.
Hysteresis Registers
Reg. 0x6D Remote 1, Local Hysteresis Register
<7:4> = Remote 1 temperature hysteresis (default = 4
∞C)
<3:0> = Local temperature hysteresis (default = 4
∞C)
Reg. 0x6E Remote 2 Temperature Hysteresis Register
<7:4> = Remote 2 temperature hysteresis (default = 4
∞C)
Note that in some applications it is required that the fans not
turn off below TMIN, but remain running at PWMMIN. Bits <7:5>
of Enhance Acoustics Register 1 (Reg. 0x62) allow the fans to
be turned off or kept spinning below TMIN. If the fans are always
on, the THYST value has no effect on the fan when the tempera-
ture drops below TMIN.
Enhance Acoustics Register 1 (Reg. 0x62)
Bit 7 (MIN3) = 0, PWM3 is OFF (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty cycle
below TMIN – THYST.
Bit 6 (MIN2) = 0, PWM2 is OFF (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty cycle
below TMIN – THYST.
Bit 5 (MIN1) = 0, PWM1 is OFF (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty cycle
below TMIN – THYST.
0%
100%
T
RANGE
T
HYST
T
MIN
TTHERM
TACHOMETER 1
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
TACHOMETERS 3
AND 4
MEASUREMENT
PWM
GENERATOR
PWM
GENERATOR
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
PWM
CONFIG
PWM
MIN
MUX
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
CONFIG
PWM
CONFIG
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
TACH1
CPU
FANSINK
FRONT
CHASSIS
REAR
CHASSIS
PWM3
TACH3
PWM2
TACH2
Figure 36. The THYST Value Applies to Fan On/Off Hysteresis and THERM Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com