Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 23Page - Analog Devices ADM1027 Datasheet HTML 24Page - Analog Devices ADM1027 Datasheet HTML 25Page - Analog Devices ADM1027 Datasheet HTML 26Page - Analog Devices ADM1027 Datasheet HTML 27Page - Analog Devices ADM1027 Datasheet HTML 28Page - Analog Devices ADM1027 Datasheet HTML 29Page - Analog Devices ADM1027 Datasheet HTML 30Page - Analog Devices ADM1027 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
REV. A
ADM1027
–27–
AUTOMATIC FAN SPEED CONTROL MODE
The ADM1027 has a local temperature sensor and two remote
temperature channels that may be connected to an on-chip
diode-connected transistor on a CPU. These three temperature
channels may be used as the basis for automatic fan speed control
to drive fans using pulsewidth modulation (PWM). In general,
the greater the number of fans in a system, the better the cooling,
but to the detriment of system acoustics. Automatic fan speed
control reduces acoustic noise by optimizing fan speed according
to measured temperature. Reducing fan speed can also decrease
system current consumption. The automatic fan speed control
mode is very flexible, owing to the number of programmable param-
eters, including TMIN and TRANGE, as discussed in detail later.
The TMIN and TRANGE values chosen for a given fan are critical,
since these define the thermal characteristics of the system. The
thermal validation of the system is one of the most important
steps of the design process, so these values should be carefully
selected.
The aim of this section is not only to provide the system designer
with an understanding of the automatic fan control loop, but also
to provide step-by-step guidance as to how to most effectively
evaluate and select the critical system parameters. To optimize
the system characteristics, the designer needs to give some fore-
thought to how the system will be configured, e.g., the number
of fans, where they are located, and what temperatures are being
measured in the particular system. The mechanical or thermal
engineer who is tasked with the actual system evaluation should
also be involved at the beginning of the process.
Automatic Fan Control Overview
Figure 27 gives a top-level overview of the automatic fan control
circuitry on the ADM1027. From a systems-level perspective,
up to three system temperatures can be monitored and used to
control three PWM outputs. The three PWM outputs can be
used to control up to four fans. The ADM1027 allows the speed
of four fans to be monitored. The right side of the block diagram
shows controls that are fan-specific. The designer has control
over individual parameters such as minimum PWM duty cycle,
fan speed failure thresholds, and even ramp control of the PWM
outputs. This ultimately allows graceful fan speed changes that
are less perceptible to the system user.
TACHOMETER 1
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT
TACHOMETER 3
AND 4
MEASUREMENT
PWM
GENERATOR
PWM
CONFIG
PWM
GENERATOR
PWM
CONFIG
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT
PWM
GENERATOR
PWM
CONFIG
PWM
MIN
PWM
MIN
PWM
MIN
MUX
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM1
PWM2
PWM3
REMOTE 1
TEMP
LOCAL
TEMP
REMOTE 2
TEMP
Figure 27. Automatic Fan Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com