Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 26Page - Analog Devices ADM1027 Datasheet HTML 27Page - Analog Devices ADM1027 Datasheet HTML 28Page - Analog Devices ADM1027 Datasheet HTML 29Page - Analog Devices ADM1027 Datasheet HTML 30Page - Analog Devices ADM1027 Datasheet HTML 31Page - Analog Devices ADM1027 Datasheet HTML 32Page - Analog Devices ADM1027 Datasheet HTML 33Page - Analog Devices ADM1027 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
REV. A
–30–
ADM1027
Step 3
Determine TMIN Setting for Each Thermal Channel
TMIN is the temperature at which the fans will start to turn on
under automatic fan control. The speed at which the fan runs
at TMIN is programmed later. The TMIN values chosen will be
temperature channel specific, e.g., 25
∞C for ambient channel,
30
∞C for VRM temperature, and 40∞C for processor temperature.
TMIN is an 8-bit twos complement value that can be pro-
grammed in 1
∞C increments. There is a TMIN register associated
with each temperature measurement channel, Remote 1, Local
and Remote 2 Temp. Once the TMIN value is exceeded, the fan
turns on and runs at minimum PWM duty cycle. The fan will
turn off once temperature has dropped below TMIN – THYST
(detailed later).
To overcome fan inertia, the fan is spun up until two valid TACH
rising edges are counted. See the Fan Start-Up Timeout section
for more details. In some cases, primarily for psycho-acoustic
reasons, it is desirable that the fan never switches off below TMIN.
Bits <7:5> of Enhance Acoustics Register 1 (Reg. 0x62), when
set, keep the fans running at PWM minimum duty cycle should
the temperature be below TMIN.
TMIN Registers
Reg. 0x67 Remote 1 Temperature TMIN = 0x5A (90
∞C default)
Reg. 0x68 Local Temperature TMIN = 0x5A (90
∞C default)
Reg. 0x69 Remote 2 Temperature TMIN = 0x5A (90
∞C default)
Enhance Acoustics Reg 1 (Reg. 0x62)
Bit 7 (MIN3) = 0, PWM3 is OFF (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty cycle
below TMIN – THYST.
Bit 6 (MIN2) = 0, PWM2 is OFF (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty cycle
below TMIN – THYST.
Bit 5 (MIN1) = 0, PWM1 is OFF (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty cycle
below TMIN – THYST.
TMIN
0%
100%
TACHOMETER 1
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT
TACHOMETERS 3
AND 4
MEASUREMENT
PWM
GENERATOR
PWM
GENERATOR
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT
PWM
GENERATOR
PWM
CONFIG
PWM
MIN
MUX
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
CONFIG
PWM
CONFIG
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
TACH1
CPU
FANSINK
FRONT
CHASSIS
REAR
CHASSIS
PWM3
TACH3
PWM2
TACH2
Figure 29. Understanding TMIN Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com