Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 14Page - Analog Devices ADM1027 Datasheet HTML 15Page - Analog Devices ADM1027 Datasheet HTML 16Page - Analog Devices ADM1027 Datasheet HTML 17Page - Analog Devices ADM1027 Datasheet HTML 18Page - Analog Devices ADM1027 Datasheet HTML 19Page - Analog Devices ADM1027 Datasheet HTML 20Page - Analog Devices ADM1027 Datasheet HTML 21Page - Analog Devices ADM1027 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
REV. A
–18–
ADM1027
ANALOG MONITORING CYCLE TIME
The analog monitoring cycle begins when a 1 is written to the
start bit (Bit 0) of Configuration Register 1(Reg. 0x40). The
ADC measures each analog input in turn and as each mea-
surement is completed, the result is automatically stored in the
appropriate value register. This round-robin monitoring cycle
continues unless disabled by writing a 0 to Bit 0 of Configura-
tion Register 1.
Since the ADC will normally be left to free-run in this manner,
the time taken to monitor all the analog inputs will normally not
be of interest as the most recently measured value of any input
can be read out at any time.
For applications where the monitoring cycle time is important,
it can easily be calculated.
The total number of channels measured is
∑ Four dedicated supply voltage inputs
∑ 3.3 VSTBY or 5 V supply (VCC pin)
∑ Local temperature
∑ Two remote temperatures
As mentioned previously, the ADC performs round-robin con-
versions and takes 11.38 ms for each voltage measurement,
12 ms for a local temperature reading, and 25.5 ms for a remote
temperature reading.
The total monitoring cycle time for averaged voltage and tem-
perature monitoring is therefore nominally
(5
11.38) + 12 + (2
25.5) = 120 ms
Fan TACH measurements are made in parallel and are not
synchronized with the analog measurements in any way.
STATUS REGISTERS
The results of limit comparisons are stored in Status Registers 1
and 2. The status register bit for each channel reflects the status of
the last measurement and limit comparison on that channel.
If a measurement is within limits, the corresponding status
register bit will be cleared to 0. If the measurement is out-of-limits,
the corresponding status register bit will be set to 1.
The state of the various measurement channels may be polled by
reading the status registers over the serial bus. When 1, Bit 7
(OOL) of Status Register 1 (Reg. 0x41) means that an out-of-
limit event has been flagged in Status Register 2. This means that
the user need read only Status Register 2 when this bit is set.
Alternatively, Pin 10 can be configured as an
SMBALERT output.
This will automatically notify the system supervisor of an
out-of-limit condition. Reading the status registers clears the
appropriate status bit as long as the error condition that caused
the interrupt has cleared. Status register bits are “sticky.”
Whenever a status bit gets set, indicating an out-of-limit
condition, it will remain set even if the event that caused it has
gone away (until read). The only way to clear the status bit is to
read the status register after the event has gone away. Interrupt
status mask registers (Reg. 0x74, 0x75) allow individual inter-
rupt sources to be masked from causing an
SMBALERT.
However, if one of these masked interrupt sources goes out-
of-limit, its associated status bit will get set in the interrupt
status registers.
STATUS REGISTER 1 (REG. 0x41)
Bit 7 (OOL) = 1, denotes a bit in Status Register 2 is set and
Status Register 2 should be read.
Bit 6 (R2T) = 1, Remote 2 temp high or low limit has been
exceeded.
Bit 5 (LT) = 1, Local temp high or low limit has been exceeded.
Bit 4 (R1T) = 1, Remote 1 temp high or low limit has been
exceeded.
Bit 3 (5 V) = 1, 5 V high or low limit has been exceeded.
Bit 2 (VCC) = 1, VCC high or low limit has been exceeded.
Bit 1 (VCCP) = 1, VCCP high or low limit has been exceeded.
Bit 0 (2.5 V) = 1, 2.5 V high or low limit has been exceeded.
STATUS REGISTER 2 (REG. 0x42)
Bit 7 (D2) = 1, indicates an open or short on D2+/D2– inputs.
Bit 6 (D1) = 1, indicates an open or short on D2+/D2– inputs.
Bit 5 (FAN4) = 1, indicates Fan 4 has dropped below mini-
mum speed.
Bit 4 (FAN3) = 1, indicates Fan 3 has dropped below mini-
mum speed.
Bit 3 (FAN2) = 1, indicates Fan 2 has dropped below mini-
mum speed.
Bit 2 (FAN1) = 1, indicates Fan 1 has dropped below mini-
mum speed.
Bit 1 (OVT) = 1, indicates that a THERM overtemperature
limit has been exceeded.
Bit 0 (12 V) = 1, 12 V high or low limit has been exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com