Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 18Page - Analog Devices ADM1027 Datasheet HTML 19Page - Analog Devices ADM1027 Datasheet HTML 20Page - Analog Devices ADM1027 Datasheet HTML 21Page - Analog Devices ADM1027 Datasheet HTML 22Page - Analog Devices ADM1027 Datasheet HTML 23Page - Analog Devices ADM1027 Datasheet HTML 24Page - Analog Devices ADM1027 Datasheet HTML 25Page - Analog Devices ADM1027 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
REV. A
–22–
ADM1027
Driving 2-Wire Fans
Figure 22 shows how a 2-wire fan may be connected to the
ADM1027. This circuit allows the speed of a 2-wire fan to be
measured even though the fan has no dedicated TACH signal.
A series resistor, RSENSE, in the fan circuit converts the fan
commutation pulses into a voltage. This is ac-coupled into the
ADM1027 through the 0.01
F capacitor. On-chip signal con-
ditioning allows accurate monitoring of fan speed. For fans
drawing approximately 200 mA, a 2
W RSENSE value is suitable.
For fans that draw more current, such as larger desktop or
server fans, RSENSE may be reduced. The smaller RSENSE is the
better, since more voltage will be developed across the fan, and
the fan will spin faster. Figure 23 shows a typical plot of the
sensing waveform at a TACH/AIN pin. The most important
thing is that the negative going spikes are more than 250 mV in
amplitude. This allows fan speed to be reliably determined.
ADM1027
TACH/AIN
PWM
10k
TYPICAL
3.3V
+V
Q1
NDT3055L
5V OR 12V
FAN
RSENSE
2
TYPICAL
0.01 F
Figure 22. Driving a 2-Wire Fan
1
Ch1
4
100mV
Ch2 5.00mV
M 4.00ms A Ch1
–2.00mV
Ch3 50.0mV
Ch4 50.0mV
T
: +250mV
@: –258mV
–1.00000ms
T
Tek PreVu
[]
T
Figure 23. Fan Speed Sensing Waveform at
TACH/AIN Pin
Laying Out for 2-Wire and 3-Wire Fans
Figure 24 shows how to lay out a common circuit arrangement
for 2-wire and 3-wire fans. Some components will not be popu-
lated depending on whether a 2-wire or 3-wire fan is being used.
3.3V OR 5V
TACH/AIN
PWM
12V OR 5V
Q1
MMBT2222
R4
R5
R3
C1
R2
R1
FOR 3-WIRE FANS:
POPULATE R1, R2, R3
R4 = 0
C1 = UNPOPULATED
FOR 2-WIRE FANS:
POPULATE R4, C1
R1, R2, R3 UNPOPULATED
Figure 24. Planning for 2-Wire or 3-Wire Fans on a PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com