Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 32 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 28Page - Analog Devices ADM1027 Datasheet HTML 29Page - Analog Devices ADM1027 Datasheet HTML 30Page - Analog Devices ADM1027 Datasheet HTML 31Page - Analog Devices ADM1027 Datasheet HTML 32Page - Analog Devices ADM1027 Datasheet HTML 33Page - Analog Devices ADM1027 Datasheet HTML 34Page - Analog Devices ADM1027 Datasheet HTML 35Page - Analog Devices ADM1027 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
REV. A
–32–
ADM1027
Step 5
Determine TRANGE for Each Temperature Channel
TRANGE is the range of temperature over which automatic fan
control occurs once the programmed TMIN temperature has
been exceeded. TRANGE is actually a temperature slope and not
an arbitrary value, i.e., a TRANGE of 40
∞C only holds true for
PWMMIN = 33%. If PWMMIN is increased or decreased, the
effective TRANGE is changed, as described later.
TEMPERATURE
TMIN
100%
PWMMIN
0%
TRANGE
Figure 32. TRANGE Parameter Affects Cooling Slope
The TRANGE or fan control slope is determined by the following
procedure:
1. Determine the maximum operating temperature for that
channel, e.g., 70
∞C.
2. Determine experimentally the fan speed (PWM duty cycle
value) will not exceed that temperature at the worst-case
operating points, e.g., 70
∞C is reached when the fans are
running at 50% PWM duty cycle.
3. Determine the slope of the required control loop to meet
these requirements.
4. Use best fit approximation to determine the most suitable
TRANGE value. There is ADM1027 evaluation software avail-
able to calculate the best fit value; ask your local Analog
Devices representative for more details.
TMIN
100%
33%
0%
50%
30 C
40 C
Figure 33. Adjusting PWMMIN Affects TRANGE
TRANGE is implemented as a slope, which means as PWMMIN is
changed, TRANGE changes, but the actual slope remains the
same. The higher the PWMMIN value, the smaller the effective
TRANGE will be, i.e., the fan will reach full speed (100%) at a
lower temperature.
TMIN
100%
33%
0%
50%
30 C
40 C
25%
10%
45 C
54 C
Figure 34. Increasing PWMMIN Changes Effective TRANGE
For a given TRANGE value, the temperature at which the fan
will run full-speed for different PWMMIN values can easily be
calculated:
TT
MaxD.C.
MinD.C.
T
MAX
MIN
RANGE
=+
-
()¥
170
where:
TMAX = Temperature at which the fan runs full-speed
TMIN = Temperature at which the fan will turn on
MaxD.C. = Maximum duty cycle (100%) = 255 decimal
MinD.C. = PWMMIN
TRANGE = PWM duty cycle versus temperature slope
Example: Calculate TMAX, given TMIN = 30
∞C, TRANGE = 40∞C,
and PWMMIN = 10% duty cycle = 26 decimal
TT
MaxD C
MinD C
T
MAX
MIN
RANGE
=+
-
()¥
..
..
170
TC
C
MAX
= ∞ +-
()¥ ∞
30
100
10
40
170
%%
TC
C
MAX
= ∞ +-
()¥ ∞
30
255
26
40
170
TMAX = 84
∞C (effective TRANGE = 54∞C)
Example: Calculate TMAX, given TMIN = 30
∞C, TRANGE = 40∞C
and PWMMIN = 25% duty cycle = 64 decimal
TT
MaxD C
MinD C
T
MAX
MIN
RANGE
=+
-
()¥
..
..
170
TC
C
MAX
= ∞ +-
()¥ ∞
30
100
25
40
170
%%
TC
C
MAX
= ∞ +-
()¥ ∞
30
255
64
40
170
TMAX = 75
∞C (effective TRANGE = 45∞C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com